Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAPS/NAPJ Datasheet(PDF) 41 Page - ELAN Microelectronics Corp

Part # EM78F651NAPS/NAPJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAPS/NAPJ Datasheet(HTML) 41 Page - ELAN Microelectronics Corp

Back Button EM78F651NAPS/NAPJ Datasheet HTML 37Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 38Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 39Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 40Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 41Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 42Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 43Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 44Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 45Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 37
(This specification is subject to change without further notice)
OSCI
EM78F651N
7404
4.7K
10K
XTAL
7404
C1
Vdd
10K
C2
Fig. 6-13 Circuit for Crystal/Resonator-Parallel Mode
6.9.3 External RC Oscillator Mode
For some applications that do not need a very precise timing calculation, the RC
oscillator (Fig 6-14 ) offers a cost-effective oscillator configuration.. Nevertheless, it
should be noted that the frequency of the RC oscillator is influenced by the supply
voltage, the values of the resistor (Rext), the capacitor (Cext), and even by the
operation temperature. Moreover, the frequency also changes slightly from one chip
to another due to manufacturing process variation.
In order to maintain a stable system frequency, the values of the Cext should not be
less than 20pF, and that the value of Rext should not be greater than 1 M
Ω. If they
cannot be kept in this range, the frequency is easily affected by noise, humidity, and
leakage.
The smaller the Rext in the RC oscillator, the faster its frequency will be. On the
contrary, for very low Rext values, for instance, 1 K
Ω, the oscillator becomes unstable
since the NMOS cannot discharge correctly the current of the capacitance.
Based on the above reasons, it must be kept in mind that all of the supply voltage, the
operation temperature, the components of the RC oscillator, the package types, and
the PCB layout, will affect the system frequency.
OSCI
EM78F651N
Vcc
Rext
Cext
Fig. 6-14 Circuit for External RC Oscillator Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com