Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAPS/NAPJ Datasheet(PDF) 25 Page - ELAN Microelectronics Corp

Part # EM78F651NAPS/NAPJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAPS/NAPJ Datasheet(HTML) 25 Page - ELAN Microelectronics Corp

Back Button EM78F651NAPS/NAPJ Datasheet HTML 21Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 22Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 23Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 24Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 25Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 26Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 27Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 28Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 29Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 21
(This specification is subject to change without further notice)
Table 6 Usage of Port 6 Input Change Wake-up/Interrupt Function
Usage of Port 6 Input Status Change Wake-up/Interrupt
(I) Wake-up from Port 6 Input Status Change
(II) Port 6 Input Status Change Interrupt
(a) Before Sleep
1. Read I/O Port 6 (MOV R6,R6)
1. Disable WDT2 (use this very carefully)
2. Execute "ENI"
2. Read I/O Port 6 (MOV R6,R6)
3. Enable interrupt (Set IOCF.1)
3 a. Enable interrupt (Set IOCF.1), after wake-up
if “ENI” switch to interrupt vector (006H), if
“DISI” excute next instruction
4. IF Port 6 change (interrupt)
→ Interrupt vector
(006H)
3 b. Disable interrupt (Set IOCF.1), always
execute next instruction
4. Enable wake-up enable bit (Set RA.6)
5 a. Execute "SLEP" instruction
b. After Wake-up
1. IF "ENI"
→ Interrupt vector (006H)
2. IF "DISI"
→ Next instruction
6.5 Reset and Wake-up
6.5.1 Reset
A reset is initiated by one of the following events:
(1) Power-on reset
(2) /RESET pin input "low", or
(3) WDT time-out (if enabled)
The device is kept in a reset condition for a period of approx. 18ms3 (one oscillator
start-up timer period) after the reset is detected. And if the /Reset pin goes “low” or
WDT time-out is active, a reset is generated, in RC mode the reset time is 34 clocks,
High crystal mode reset time is 2ms and 32clocks. In low crystal mode, the reset
time is 500ms. Once a reset occurs, the following functions are performed. Refer to
Fig 6-7.
The oscillator is running, or will be started.
The Program Counter (R2) is set to all "0".
All I/O port pins are configured as input mode (high-impedance state).
The Watchdog timer and prescaler are cleared.
2
Note: Software disables WDT (watchdog timer) but hardware must be enabled before applying Port 6 Change
Wake-Up function. (Code Option Register and Bit 11 (ENWDTB-) set to “1”).
3
Note: Vdd = 5V, set up time period = 16.8ms ± 8%
Vdd = 3V, set up time period = 18ms ± 8%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com