Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAPS/NAPJ Datasheet(PDF) 37 Page - ELAN Microelectronics Corp

Part # EM78F651NAPS/NAPJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAPS/NAPJ Datasheet(HTML) 37 Page - ELAN Microelectronics Corp

Back Button EM78F651NAPS/NAPJ Datasheet HTML 33Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 34Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 35Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 36Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 37Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 38Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 39Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 40Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 41Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 33
(This specification is subject to change without further notice)
Bit 5
:EEPROM Write Enable bit
0 : Prohibit write to the EEPROM
1 : Allows EEPROM write cycles.
Bit 4
:EEPROM Detect Flag
0 : Write cycle is completed
1 : Write cycle is unfinished
Bit 3
:EEPROM power-down control bit
0 : Switch off the EEPROM
1 : EEPROM is operating
Bits 2 ~ 0: Not used, set to “0” at all time
6.8.1.2 RC (128 Bytes EEPROM Address)
When accessing the EEPROM data memory, the RC (128 bytes EEPROM address
register) holds the address to be accessed. According the operation, the RD (128
bytes EEPROM Data register) holds the data to written, or the data read, at the
address in RC.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
EE_A6
EE_A5
EE_A4
EE_A3
EE_A2
EE_A1
EE_A0
Bit 7
: Not used, fixed at “0”.
Bits 6 ~ 0
: 128 bytes EEPROM address
6.8.1.3 RD (128 Bytes EEPROM Data)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EE_D7
EE_D6
EE_D5
EE_D4
EE_D3
EE_D2
EE_D1
EE_D0
Bits 7 ~ 0
: 128 bytes EEPROM data
6.8.2 Programming Step / Example Demonstration
6.8.2.1 Programming Step
Follow these steps to write or read data from the EEPROM:
(1) Set the RC.EEPC bit to 1 for enable EEPROM power.
(2) Write the address to RC (128 bytes EEPROM address).
a.1. Set the RC.EEWE bit to 1, if the write function is employed.
a.2. Write the 8-bit data value to be programmed in the RD (128 bytes EEPROM
data)
a.3. Set the RC.WR bit to 1, then execute write function
b.
Set the RC.READ bit to 1, after which, execute read function
(3) a.
Wait for the RC.EEDF or RC.WR to be cleared
b.
Wait for the RC.EEDF to be cleared
(4) For the next conversion, go to Step 2 as required.
(5) If user wants to save power and to make sure the EEPROM data is not used,
clear the RC.EEPC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com