Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAPS/NAPJ Datasheet(PDF) 55 Page - ELAN Microelectronics Corp

Part # EM78F651NAPS/NAPJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAPS/NAPJ Datasheet(HTML) 55 Page - ELAN Microelectronics Corp

Back Button EM78F651NAPS/NAPJ Datasheet HTML 50Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 51Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 52Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 53Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 54Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 55Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 56Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 57Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 58Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 51
(This specification is subject to change without further notice)
LVD (Low Voltage Detector) Electrical Characteristics
Symbol
Parameter
Condition
Min.*
Typ.
Max.**
Unit
LVD1
LVD1 Voltage interrupt
level(Schmitt trigger)
Vdd=5V
2.1+0.1
2.2+0.1
V
LVD2
LVD2 Voltage interrupt
level(Schmitt trigger)
Vdd=5V
3.1+0.1
3.3+0.1
V
LVD3
LVD3 Voltage interrupt
level(Schmitt trigger)
Vdd=5V
3.8+0.1
3.9+0.1
V
LVD4
LVD4 Voltage interrupt
level(Schmitt trigger)
Vdd=5V
4.3+0.1
4.4+0.1
V
Note
: *VDD Voltage from High to Low.
** VDD Voltage from Low to High.
LVR (Low Voltage Reset) Electrical Characteristics
Symbol
Parameter
Condition
Min.*
Typ.
Max.**
Unit
LVR1
LVR1 Voltage reset level
(Schmitt trigger)
Vdd=5V
−
−
−
V
LVR2
LVR2 Voltage reset level
(Schmitt trigger)
Vdd=5V
2.6+0.15
−
2.8+0.15
V
LVR3
LVR3 Voltage reset level
(Schmitt trigger)
Vdd=5V
3.3+0.15
−
3.45+0.15
V
LVR4
LVR4 Voltage reset level
(Schmitt trigger)
Vdd=5V
3.8+0.15
−
3.9+0.15
V
Note
: *VDD Voltage from High to Low.
** VDD Voltage from Low to High.
Data EEPROM Electrical Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Tprog
Erase/Write cycle time
−
6
−
ms
Treten
Data Retention
−
10
−
Years
Tendu
Endurance time
Vdd = 2.0~ 5.5V
Temperature = -40
°C ~ 85°C
−
100K
−
Cycles
Program Flash memory Electrical Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Tprog
Erase/Write cycle time
−
4
−
ms
Treten
Data Retention
−
10
−
Years
Tendu
Endurance time
Vdd = 5.0V
Temperature = -40
°C ~ 85°C
−
100K
−
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com