Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAPS/NAPJ Datasheet(PDF) 57 Page - ELAN Microelectronics Corp

Part # EM78F651NAPS/NAPJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAPS/NAPJ Datasheet(HTML) 57 Page - ELAN Microelectronics Corp

Back Button EM78F651NAPS/NAPJ Datasheet HTML 50Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 51Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 52Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 53Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 54Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 55Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 56Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 57Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 58Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 57 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 53
(This specification is subject to change without further notice)
APPENDIX
A
Package Type
Flash MCU
Package Type
Pin Count
Package Size
EM78F651NAP
DIP
14
300 mil
EM78F651NAPS/NAPJ
DIP
14
300 mil
EM78F651NAM
SOP
14
150 mil
EM78F651NAMS/NAMJ
SOP
14
150 mil
EM78F651NBP
DIP
16
300 mil
EM78F651NBPS/NBPJ
DIP
16
300 mil
EM78F651NBM
SOP
16
300 mil
EM78F651NBMS/NBMJ
SOP
16
300 mil
EM78F651NCP
DIP
18
300 mil
EM78F651NCPS/NCPJ
DIP
18
300 mil
EM78F651NCM
SOP
18
300 mil
EM78F651NCMS/NCMJ
SOP
18
300 mil
EM78F651NDKM
SSOP
20
209 mil
EM78F651NDKMS/NDKMJ
SSOP
20
209 mil
EM78F651NDP
DIP
20
300mil
EM78F651NDPS/NDPJ
DIP
20
300mil
Green products do not contain hazardous substances.
The third edition of Sony SS-00259 standard.
Pb contents should be less the 100ppm
Pb contents comply with Sony specs.
Part no.
EM78F651xS/xJ
Electroplate type
Pure Tin
Ingredient (%)
Sn:100%
Melting point (°C)
232°C
Electrical resistivity
(µ
Ω cm)
11.4
Hardness (hv)
8~10
Elongation (%)
>50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com