Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3688 Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # AS3688
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3688 Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button AS3688 Datasheet HTML 20Page - ams-OSRAM AG AS3688 Datasheet HTML 21Page - ams-OSRAM AG AS3688 Datasheet HTML 22Page - ams-OSRAM AG AS3688 Datasheet HTML 23Page - ams-OSRAM AG AS3688 Datasheet HTML 24Page - ams-OSRAM AG AS3688 Datasheet HTML 25Page - ams-OSRAM AG AS3688 Datasheet HTML 26Page - ams-OSRAM AG AS3688 Datasheet HTML 27Page - ams-OSRAM AG AS3688 Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
22 - 70
CP Mode Switch 2
Addr: 25h
Setup which current sinks are connected (via leds) to the charge pump; if set to ‘1’ the
correspond current source (sink) is used for automatic mode selection of the charge
pump
Bit
Bit Name
Default
Access
Description
0
curr1_on_cp
0
R/W
0 = current Sink CURR1 is not connected to charge pump
1 = current sink CURR1 is connected to charge pump
1
curr2_on_cp
0
R/W
0 = current Sink CURR2 is not connected to charge pump
1 = current sink CURR2 is connected to charge pump
2
curr41_on_cp
0
R/W
0 = current Sink CURR41 is not connected to charge pump
1 = current sink CURR41 is connected to charge pump
3
curr42_on_cp
0
R/W
0 = current Sink CURR42 is not connected to charge pump
1 = current sink CURR42 is connected to charge pump
4
curr43_on_cp
0
R/W
0 = current Sink CURR43 is not connected to charge pump
1 = current sink CURR43 is connected to charge pump
Curr low voltage status 1
Addr: 2Ah
Indicates the low voltage status of the current sinks. If the currX_low_v bit is set, the
voltage on the current sink is too low, to drive the selected output current
Bit
Bit Name
Default
Access
Description
0
curr30_low_v
NA
R
0 = voltage of current Sink CURR30 >curr3x_switch
1 = voltage of current Sink CURR30 <curr3x_switch
1
curr31_low_v
NA
R
0 = voltage of current Sink CURR31 >curr3x_switch
1 = voltage of current Sink CURR31 <curr3x_switch
2
curr32_low_v
NA
R
0 = voltage of current Sink CURR32 >curr3x_switch
1 = voltage of current Sink CURR32 <curr3x_switch
3
curr33_low_v
NA
R
0 = voltage of current Sink CURR33 >curr3x_switch
1 = voltage of current Sink CURR33 <curr3x_switch
4
rgb1_low_v
NA
R
0 = voltage of current Sink RGB1 >currlv_switch
1 = voltage of current Sink RGB1 <currlv_switch
5
rgb2_low_v
NA
R
0 = voltage of current Sink RGB2 >currlv_switch
1 = voltage of current Sink RGB2 <currlv_switch
6
rgb3_low_v
NA
R
0 = voltage of current Sink RGB3 >currlv_switch
1 = voltage of current Sink RGB31 <currlv_switch
7
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com