Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3688 Datasheet(PDF) 27 Page - ams-OSRAM AG

Part # AS3688
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3688 Datasheet(HTML) 27 Page - ams-OSRAM AG

Back Button AS3688 Datasheet HTML 23Page - ams-OSRAM AG AS3688 Datasheet HTML 24Page - ams-OSRAM AG AS3688 Datasheet HTML 25Page - ams-OSRAM AG AS3688 Datasheet HTML 26Page - ams-OSRAM AG AS3688 Datasheet HTML 27Page - ams-OSRAM AG AS3688 Datasheet HTML 28Page - ams-OSRAM AG AS3688 Datasheet HTML 29Page - ams-OSRAM AG AS3688 Datasheet HTML 30Page - ams-OSRAM AG AS3688 Datasheet HTML 31Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
25 - 70
Table
12 – HV - Current Sinks Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
IBIT7
Current sink if Bit7 = 1
19.2
IBIT6
Current sink if Bit6 = 1
9.6
IBIT5
Current sink if Bit5 = 1
4.8
IBIT4
Current sink if Bit4 = 1
2.4
IBIT3
Current sink if Bit3 = 1
1.2
IBIT2
Current sink if Bit2 = 1
0.6
IBIT1
Current sink if Bit1 = 1
0.3
IBIT0
Current sink if Bit0 = 1
0.15
mA
For V(CURRx) > 0.45V
∆m
matching Accuracy
-8
+8
%
CURR1,CURR2; full scale
absolute Accuracy
-15
+15
%
Curr1 –
Curr2
Voltage compliance
0.45
15
V
Ov_prot_
13V
Overvoltage Protection of
current sink CURR1,2
3.0
µA
At 13V, independent of
curr1_prot_on or curr2_prot_on
Ov_prot_
15V
Overvoltage Protection of
current sink CURR1,2
0.8
4.0
mA
At 15V, step_up_on=1,
curr1_prot_on=1 for CURR1,
curr2_prot_on=1 for CURR2
7.4.1.1 High Voltage Current Sinks CURR1, CURR2 Registers
Curr1 current
Addr: 09h
This register controls the High voltage current sink current.
Bit
Bit Name
Default
Access
Description
7:0
curr1_current
0
R/W
Defines current into Current sink curr1
00h = 0 mA
01h = 0.15 mA
...
FFh = 38.25 mA
Curr2 current
Addr: 0Ah
This register controls the High voltage current sink current.
Bit
Bit Name
Default
Access
Description
7:0
curr2_current
0
R/W
Defines current into Current sink curr1
00h = 0 mA
01h = 0.15 mA
...
FFh = 38.25 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com