Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3688 Datasheet(PDF) 50 Page - ams-OSRAM AG

Part # AS3688
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3688 Datasheet(HTML) 50 Page - ams-OSRAM AG

Back Button AS3688 Datasheet HTML 46Page - ams-OSRAM AG AS3688 Datasheet HTML 47Page - ams-OSRAM AG AS3688 Datasheet HTML 48Page - ams-OSRAM AG AS3688 Datasheet HTML 49Page - ams-OSRAM AG AS3688 Datasheet HTML 50Page - ams-OSRAM AG AS3688 Datasheet HTML 51Page - ams-OSRAM AG AS3688 Datasheet HTML 52Page - ams-OSRAM AG AS3688 Datasheet HTML 53Page - ams-OSRAM AG AS3688 Datasheet HTML 54Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
48 - 70
7.5.2 GPIO Registers
GPIO Output
Addr: 05h
This register controls GPIO outputs.
Bit
Bit Name
Default
Access
Description
0
gpio0_out
0
R/W
Writes a logic signal to pin GPIO0; this is independent of
any other bit setting e.g., gpio0_mode.
1
gpio1_out
0
R/W
Writes a logic signal to pin GPIO1; this is independent of
any other bit setting e.g., gpio1_mode.
2
gpio2_out
0
R/W
Writes a logic signal to pin GPIO2; this is independent of
any other bit setting e.g., gpio2_mode.
3
gpi_en
0
R/W
Enables the GPI input. Set to 1 if used for strobe trigger.
0 = input disabled
1 = input enabled; can be used for strobe trigger
4
gpi_curr30_en
0
R/W
Enables the CURR30 input.
0 = input disabled
1 = input enabled
5
gpi_curr31_en
0
R/W
Enables the CURR31 input.
0 = input disabled
1 = input enabled
6
gpi_curr32_en
0
R/W
Enables the CURR32 input.
0 = input disabled
1 = input enabled
7
gpi_curr33_en
0
R/W
Enables the CURR33 input.
0 = input disabled
1 = input enabled
GPIO Signal
Addr: 06h
This register controls GPIO outputs.
Bit
Bit Name
Default
Access
Description
0
gpio0_in
N/A
R
Reads a logic signal from pin GPIO0; this is independent of
any other setting e.g., bits gpio1_mode.
1
gpio1_in
N/A
R
Reads a logic signal from pin GPIO1; this is independent of
any other setting e.g., bits gpio1_mode.
2
gpio2_in
N/A
R
Reads a logic signal from pin GPIO2; this is independent of
any other setting e.g., bits gpio1_mode.
3
gpi_in
N/A
R
Reads a logic signal from pin GPI; if gpi_en=1
4
curr30_in
N/A
R
Reads a logic signal from pin CURR30; if gpi_curr30_en=1
5
curr31_in
N/A
R
Reads a logic signal from pin CURR31; if gpi_curr31_en=1
6
curr32_in
N/A
R
Reads a logic signal from pin CURR32; if gpi_curr32_en=1
7
curr33_in
N/A
R
Reads a logic signal from pin CURR33; if gpi_curr33_en=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com