Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3688 Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # AS3688
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3688 Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button AS3688 Datasheet HTML 18Page - ams-OSRAM AG AS3688 Datasheet HTML 19Page - ams-OSRAM AG AS3688 Datasheet HTML 20Page - ams-OSRAM AG AS3688 Datasheet HTML 21Page - ams-OSRAM AG AS3688 Datasheet HTML 22Page - ams-OSRAM AG AS3688 Datasheet HTML 23Page - ams-OSRAM AG AS3688 Datasheet HTML 24Page - ams-OSRAM AG AS3688 Datasheet HTML 25Page - ams-OSRAM AG AS3688 Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
20 - 70
Figure
13 – Automatic Mode Switching
7.3.2 Soft Start
An implemented soft start mechanism reduces the inrush current. Battery current is smoothed when switching the
charge pump on and also at each switching condition. This precaution reduces electromagnetic radiation
significantly.
7.3.3 Charge Pump Registers
Reg. Control
Addr: 00h
This register enables/disables the LDOs, Charge Pumps, Charge Pump LEDs, current
sinks, the Step Up DC/DC Converter.
Bit
Bit Name
Default
Access
Description
2
cp _on
0
R/W
0 = Set Charge Pump into 1:1 mode (off state) unless
cp_auto_on is set
1 = Enable manual or automatic mode switching – see
register CP Control for actual settings
Charge Pump
1:1, 1:1.5, 1:2
400mA / 900mA
Battery
VBAT1
VBAT2
C2_P
C5
2.2µF
C6
2.2µF
C2_N
C1_P
C7
2.2µF
C1_N
CPOUT
C8
2.2µF
CURR30
CURR31
CURR32
CURR33
...
RGB1
RGB3
CURR1
CURR2
CURR41
CURR43
200/400mV
(curr3x_switch)
200mV
(currlv_switch)
450mV
(currhv_switch)
curr30_on_cp
curr31_on_cp
curr32_on_cp
curr33_on_cp
rgb1_on_cp
rgb3_on_cp
curr1_on_cp
curr2_on_cp
curr41_on_cp
curr43_on_cp
Debounce
cp_start_debounce
Mode Switching
1:1 -> 1:1.5
1:1.5 -> 1:2
cp_mode<1:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com