Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3688 Datasheet(PDF) 59 Page - ams-OSRAM AG

Part # AS3688
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3688 Datasheet(HTML) 59 Page - ams-OSRAM AG

Back Button AS3688 Datasheet HTML 55Page - ams-OSRAM AG AS3688 Datasheet HTML 56Page - ams-OSRAM AG AS3688 Datasheet HTML 57Page - ams-OSRAM AG AS3688 Datasheet HTML 58Page - ams-OSRAM AG AS3688 Datasheet HTML 59Page - ams-OSRAM AG AS3688 Datasheet HTML 60Page - ams-OSRAM AG AS3688 Datasheet HTML 61Page - ams-OSRAM AG AS3688 Datasheet HTML 62Page - ams-OSRAM AG AS3688 Datasheet HTML 63Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
57 - 70
80h – Write Commands
81h – Read Commands
Figure
33 – Complete Serial Data Transfer
S
Start
Condition
Address
R/W
ACK
Data
ACK
Data
ACK
Stop
Condition
P
DATA
CLK
1-7
8
9
1-7
8
9
1-7
8
9
7.10.2.1
Serial Data Transfer Formats
Definitions used in the serial data transfer format diagrams are listed in the following table:
Table 25 – Serial Data Transfer Byte Definitions
Symbol
Definition
R/W ( AS3688 Slave)
Notes
S
Start Condition after Stop
R
1 bit
Sr
Repeated Start
R
1 bit
DW
Device Address for Write
R
10000010b (80h).
DR
Device Address for Read
R
10000011b (81h)
WA
Word Address
R
8 bits
A
Acknowledge
W
1 bit
N
Not Acknowledge
R
1 bit
reg_data
Register Data/Write
R
8 bits
data (n)
Register Data/read
R
1 bit
P
Stop Condition
R
8 bits
WA++
Increment Word Address Internally
R
During Acknowledge
Figure 34 – Serial Interface Byte Write
S
DW
A
WA
A
reg_data
A P
Write Register
WA++
AS3688 (= Slave) receives data
AS3688 (= Slave) transmits data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com