Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3688 Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # AS3688
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3688 Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button AS3688 Datasheet HTML 14Page - ams-OSRAM AG AS3688 Datasheet HTML 15Page - ams-OSRAM AG AS3688 Datasheet HTML 16Page - ams-OSRAM AG AS3688 Datasheet HTML 17Page - ams-OSRAM AG AS3688 Datasheet HTML 18Page - ams-OSRAM AG AS3688 Datasheet HTML 19Page - ams-OSRAM AG AS3688 Datasheet HTML 20Page - ams-OSRAM AG AS3688 Datasheet HTML 21Page - ams-OSRAM AG AS3688 Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
16 - 70
7.2.5 Step up Registers
Reg. Control
Addr: 00
This register enables/disables the LDOs, Charge Pumps, Charge Pump LEDs, current
sinks, the Step Up DC/DC Converter
Bit
Bit Name
Default
Access
Description
3
step_up_on
0
R/W
Enable the step up converter
0b = Disable the Step Up DC/DC Converter.
1b = Enable the Step Up DC/DC Converter.
DCDC Control 1
Addr: 21h
This register controls the Step Up DC/DC Converter.
Bit
Bit Name
Default
Access
Description
0
step_up_frequ
0
R/W
Defines the clock frequency of the Step Up DC/DC
Converter.
0 = 1 MHz
1 = 500 kHz
2:1
step_up_fb
00
R/W
Controls the feedback source if step_up_fb_auto = 0
00 = DCDC_FB enabled (external resistor divider).
Set step_up_fb=00 (DCDC_FB), if external
PWM is enabled for CURR1 or CURR2
01 = CURR1 feedback enabled (feedback via white LEDs.
10 = CURR2 feedback enabled (feedback via white LEDs.
11 = Reserved.
7:3
step_up_vtuning
00000
R/W
Defines the tuning current at pin DCDC_FB.
00000 = 0 µA
00001 = 1 µA
00010 = 2 µA
…
10000 = 15 µA
…
11111 = 31 µA
DCDC Control 2
Addr: 22h
This register controls the Step Up DC/DC Converter and low-voltage current sinks
CURR3x.
Bit
Bit Name
Default
Access
Description
0
step_up_res
0
R/W
Gain selection for Step Up DC/DC Converter.
0 = Select 0 if Step Up DC/DC Converter is used with
current feedback (CURR1, CURR2) or if DCDC_FB is
used with current feedback only – only R1, C1
connected
1 = Select 1 if DCDC_FB is used with external resistor
divider (2 resistors).
1
skip_fast
0
R/W
Step Up DC/DC Converter output voltage at low loads, when
pulse skipping is active.
0 = Accurate output voltage, more ripple.
1 = Elevated output voltage, less ripple.
2
stepup_prot
1
R/W
Step Up DC/DC Converter protection.
0 = No overvoltage protection.
1 = Overvoltage protection on pin DCDC_FB enabled
voltage limitation =1.25V on DCDC_FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com