Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3688 Datasheet(PDF) 45 Page - ams-OSRAM AG

Part # AS3688
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3688 Datasheet(HTML) 45 Page - ams-OSRAM AG

Back Button AS3688 Datasheet HTML 41Page - ams-OSRAM AG AS3688 Datasheet HTML 42Page - ams-OSRAM AG AS3688 Datasheet HTML 43Page - ams-OSRAM AG AS3688 Datasheet HTML 44Page - ams-OSRAM AG AS3688 Datasheet HTML 45Page - ams-OSRAM AG AS3688 Datasheet HTML 46Page - ams-OSRAM AG AS3688 Datasheet HTML 47Page - ams-OSRAM AG AS3688 Datasheet HTML 48Page - ams-OSRAM AG AS3688 Datasheet HTML 49Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
43 - 70
If the register subX_en is set, the result from the pwm_modulator is inverted logically. That means for up
dimming the starting current is defined by currX_adder - 1 and the end current is defined by currX_adder -
currX_current - 1. An overflow of the internal bus (8 Bits wide to the IDAC) has to be avoided by the register
settings (currX_adder - currX_current - 1 must not be below zero).
Its purpose is to dim one channel e.g. CURR41 from e.g. 110% to 10% of curr41_current and at the same time
dim another channel e.g. CURR42 from 20% to 120% of curr42_current.
Note:
1.
The adder logic operates independent of the currX_mode setting, but its main purpose is to work
together with the pwm modulator (improved up/down dimming)
2.
If the adder logic is not used anymore, set the bit currX_adder to 0. (Setting adder_currentX to 0 is
not sufficient)
Figure
28 – PWM Table
Decrease by 1/4th every
step
Decrease by 1/8th every
step
Seconds
Seconds Seconds
Seconds
Step
%Dimming
PWM
%Dimming
PWM
50msec/
Step
25msec/
Step
5msec/
Step
2,5msec/
Step
1
100,0
255
100,0
255
0,00s
0,00s
0,000s
0,000s
2
75,3
192
87,8
224
0,05s
0,03s
0,005s
0,003s
3
56,5
144
76,9
196
0,10s
0,05s
0,010s
0,005s
4
42,4
108
67,5
172
0,15s
0,08s
0,015s
0,008s
5
31,8
81
59,2
151
0,20s
0,10s
0,020s
0,010s
6
23,9
61
52,2
133
0,25s
0,13s
0,025s
0,013s
7
18,0
46
45,9
117
0,30s
0,15s
0,030s
0,015s
8
13,7
35
40,4
103
0,35s
0,18s
0,035s
0,018s
9
10,6
27
35,7
91
0,40s
0,20s
0,040s
0,020s
10
8,2
21
31,4
80
0,45s
0,23s
0,045s
0,023s
11
6,3
16
27,5
70
0,50s
0,25s
0,050s
0,025s
12
4,7
12
24,3
62
0,55s
0,28s
0,055s
0,028s
13
3,5
9
21,6
55
0,60s
0,30s
0,060s
0,030s
14
2,7
7
19,2
49
0,65s
0,33s
0,065s
0,033s
15
2,4
6
16,9
43
0,70s
0,35s
0,070s
0,035s
16
2,0
5
14,9
38
0,75s
0,38s
0,075s
0,038s
17
1,6
4
13,3
34
0,80s
0,40s
0,080s
0,040s
18
1,2
3
11,8
30
0,85s
0,43s
0,085s
0,043s
19
0,8
2
10,6
27
0,90s
0,45s
0,090s
0,045s
20
0,4
1
9,4
24
0,95s
0,48s
0,095s
0,048s
21
0,0
0
8,2
21
1,00s
0,50s
0,100s
0,050s
22
7,5
19
1,05s
0,53s
0,105s
0,053s
23
6,7
17
1,10s
0,55s
0,110s
0,055s
24
5,9
15
1,15s
0,58s
0,115s
0,058s
25
5,5
14
1,20s
0,60s
0,120s
0,060s
26
5,1
13
1,25s
0,63s
0,125s
0,063s
27
4,7
12
1,30s
0,65s
0,130s
0,065s
28
4,3
11
1,35s
0,68s
0,135s
0,068s
29
3,9
10
1,40s
0,70s
0,140s
0,070s
30
3,5
9
1,45s
0,73s
0,145s
0,073s
31
3,1
8
1,50s
0,75s
0,150s
0,075s
32
2,7
7
1,55s
0,78s
0,155s
0,078s
33
2,4
6
1,60s
0,80s
0,160s
0,080s
34
2,0
5
1,65s
0,83s
0,165s
0,083s
35
1,6
4
1,70s
0,85s
0,170s
0,085s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com