Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3688 Datasheet(PDF) 33 Page - ams-OSRAM AG

Part # AS3688
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3688 Datasheet(HTML) 33 Page - ams-OSRAM AG

Back Button AS3688 Datasheet HTML 29Page - ams-OSRAM AG AS3688 Datasheet HTML 30Page - ams-OSRAM AG AS3688 Datasheet HTML 31Page - ams-OSRAM AG AS3688 Datasheet HTML 32Page - ams-OSRAM AG AS3688 Datasheet HTML 33Page - ams-OSRAM AG AS3688 Datasheet HTML 34Page - ams-OSRAM AG AS3688 Datasheet HTML 35Page - ams-OSRAM AG AS3688 Datasheet HTML 36Page - ams-OSRAM AG AS3688 Datasheet HTML 37Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
31 - 70
Pattern control
Addr: 18h
This register controls the LED pattern
Bit
Bit Name
Default
Access
Description
0
pattern_color
0
R/W
Defines the pattern type for the RGBx current sinks
0b = single 32 bit pattern (also set rgbx_mode = 11)
1b = RGB pattern with each 10 bits (set all rgbx_mode = 11)
2:1
pattern_delay
0
R/W
Delay between pattern
00b = 0 sec
01b = 1 sec
10b = 2 sec
11b = 3 sec
3
softdim_pattern
0b
R/W
Enable the ‘soft’ dimming feature for the pattern generator
0 = Pattern generator directly control current sources
1 = ‘Soft Dimming’ is performed – see section ’Soft Dimming
for pattern’
4
curr30_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR30 controlled according curr30_mode register
1b = CURR30 controlled by LED pattern generator
5
curr31_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR31 controlled according curr31_mode register
1b = CURR31 controlled by LED pattern generator
6
curr32_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR32 controlled according curr32_mode register
1b = CURR32 controlled by LED pattern generator
7
curr33_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR33 controlled according curr33_mode register
1b = CURR33 controlled by LED pattern generator
7.4.3 RGB Current Sinks RGB1, RGB2, RGB3 (VANA2,cpext)
The RGB1,RGB2, RGB3 are pins with different functionality. These pins can act as current sinks or as external
chargepump. In addition RGB3 can be programmed as Analog LDO supplied by VBAT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com