Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3688 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS3688
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3688 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS3688 Datasheet HTML 6Page - ams-OSRAM AG AS3688 Datasheet HTML 7Page - ams-OSRAM AG AS3688 Datasheet HTML 8Page - ams-OSRAM AG AS3688 Datasheet HTML 9Page - ams-OSRAM AG AS3688 Datasheet HTML 10Page - ams-OSRAM AG AS3688 Datasheet HTML 11Page - ams-OSRAM AG AS3688 Datasheet HTML 12Page - ams-OSRAM AG AS3688 Datasheet HTML 13Page - ams-OSRAM AG AS3688 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
8 - 70
Figure
8 – RGB Current Sinks RGB1 vs. V(RGB1)
7
Detailed Functional Description
7.1
Analog LDO
The Analog LDOs (VANA1, VANA2) is designed to supply power to sensitive analog circuits like camera supply,
LNAs, Transceivers, VCOs, and other critical RF components of cellular radios. Additionally, the Analog LDO is
suitable for supplying power to audio devices or as a reference for A/D and D/A converters.
The design is optimized to deliver the best compromise between quiescent current and regulator performance for
battery powered devices.
Stability is guaranteed with ceramic output capacitors (see Figure 3) of 1µF ±20% (X5R) or 2.2µF +100/-50%
(Z5U). The low ESR of these capacitors ensures low output impedance at high frequencies. Regulation
performance is excellent even under low dropout conditions, when the power transistor has to operate in linear
mode. Power supply rejection is high enough to suppress ripple on the battery caused by the PA in TDMA
systems. The low noise performance allows direct connection of noise sensitive circuits without additional filtering
networks. The low impedance of the power transistor enables the device to deliver up to 150mA even at nearly
discharged batteries without any decrease in performance.
The LDO is off by default after startup (apply voltage on VDD_GPIO)
0
5
10
15
20
25
30
35
40
45
0,0
0,5
1,0
1,5
2,0
V(RGB1) [V]
RGB1=38.25mA
RGB1=4.8mA
0
10
20
30
40
50
60
70
80
90
0,0
0,5
1,0
1,5
2,0
V(CURR1) [V]
CURR1=76.8mA, curr3x_strobe_high=0
CURR1=10.2mA, curr3x_strobe_high=0
CURR1=76.8mA, curr3x_strobe_high=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com