Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3688 Datasheet(PDF) 28 Page - ams-OSRAM AG

Part # AS3688
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3688 Datasheet(HTML) 28 Page - ams-OSRAM AG

Back Button AS3688 Datasheet HTML 24Page - ams-OSRAM AG AS3688 Datasheet HTML 25Page - ams-OSRAM AG AS3688 Datasheet HTML 26Page - ams-OSRAM AG AS3688 Datasheet HTML 27Page - ams-OSRAM AG AS3688 Datasheet HTML 28Page - ams-OSRAM AG AS3688 Datasheet HTML 29Page - ams-OSRAM AG AS3688 Datasheet HTML 30Page - ams-OSRAM AG AS3688 Datasheet HTML 31Page - ams-OSRAM AG AS3688 Datasheet HTML 32Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
26 - 70
curr12 control
Addr: 01h
This register select the mode of the current sinkscontrols High voltage current sink
current.
Bit
Bit Name
Default
Access
Description
1:0
curr1_mode
0
R/W
Select the mode of the current sink curr1
00b = off
01b = on
10b = PWM controlled
11b = LED pattern controlled; do not use softdim_pattern=1
3:2
curr2_mode
0
R/W
Select the mode of the current sink curr2
00b = off
01b = on
10b = PWM controlled
11b = LED pattern controlled; do not use softdim_pattern=1
DCDC Control 2
Addr: 22h
This register controls the Step Up DC/DC Converter and low-voltage current sinks
CURR3x.
Bit
Bit Name
Default
Access
Description
0
step_up_res
0
R/W
Gain selection for Step Up DC/DC Converter.
0 = Select 0 if Step Up DC/DC Converter is used with
current feedback (CURR1, CURR2) or if DCDC_FB is
used with current feedback only – only R1, C1
connected
1 = Select 1 if DCDC_FB is used with external resistor
divider (2 resistors).
1
skip_fast
0
R/W
Step Up DC/DC Converter output voltage at low loads, when
pulse skipping is active.
0 = Accurate output voltage, more ripple.
1 = Elevated output voltage, less ripple.
2
stepup_prot
1
R/W
Step Up DC/DC Converter protection.
0 = No overvoltage protection.
1 = Overvoltage protection on pin DCDC_FB enabled
voltage limitation =1.25V on DCDC_FB
3
stepup_lowcur
1
R/W
Step Up DC/DC Converter coil current limit.
0 = .Normal current limit
1 = Current limit reduced by approx. 33%
4
curr1_prot_on
0
R/W
0 = No overvoltage protection
1 = Pull down current on CURR1 switched on, if voltage on
CURR1 exceeds 13.75V, and step_up_on=1
5
curr2_prot_on
0
R/W
0 = No overvoltage protection
1 = Pull down current on CURR2 switched on, if voltage
exceeds on CURR2 13.75V, and step_up_on=1
7
step_up_fb_auto
0
R/W
0 = step_up_fb select the feedback of the DCDC converter
1 = The feedback is automatically chosen within the current
sinks CURR1and CURR2 (never DCDC_FB). Only those are
used for this selection, which are enabled (currX_mode must
not be 00) and not connected to the charge pump
(currX_on_cp must be 0).
7.4.2 High Current Sinks CURR30, CURR31, CURR32, CURR33
These current sinks have a preview and strobe setting. The preview and strobe can be controlled by software
(register bit) or GPIO2 can be programmed to enter preview mode (polarity programmable) and GPI can be
programmed to enter strobe mode (polarity programmable).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com