Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3688 Datasheet(PDF) 61 Page - ams-OSRAM AG

Part # AS3688
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3688 Datasheet(HTML) 61 Page - ams-OSRAM AG

Back Button AS3688 Datasheet HTML 57Page - ams-OSRAM AG AS3688 Datasheet HTML 58Page - ams-OSRAM AG AS3688 Datasheet HTML 59Page - ams-OSRAM AG AS3688 Datasheet HTML 60Page - ams-OSRAM AG AS3688 Datasheet HTML 61Page - ams-OSRAM AG AS3688 Datasheet HTML 62Page - ams-OSRAM AG AS3688 Datasheet HTML 63Page - ams-OSRAM AG AS3688 Datasheet HTML 64Page - ams-OSRAM AG AS3688 Datasheet HTML 65Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
59 - 70
Sequential Read is the extended form of Random Read, as multiple register-data bytes are subsequently
transferred.
In contrast to the Random Read, in a sequential read the transferred register-data bytes are responded by an
acknowledge from the master. The number of data bytes transferred in one sequence is unlimited (consider the
behavior of the word-address counter). To terminate the transmission the master has to send a NOT
ACKNOWLEDGE following the last data byte and subsequently generate the STOP condition.
Figure 38 – Serial Interface Current Address Read
S
DR
A
data 1
A
data 2
A
data n
N P
Read Register
WA++
Read Register
WA++
Read Register
WA++
Read Register
WA++
AS3688 (= slave) receives data
AS3688 (= slave) transmits data
To keep the access time as small as possible, this format allows a read access without the word address transfer
in advance to the data transfer. The bus is idle and the master issues a START condition followed by the Device-
Read address.
Analogous to Random Read, a single byte transfer is terminated with a NOT ACKNOWLEDGE after the 1st
register byte. Analogous to Sequential Read an unlimited number of data bytes can be transferred, where the
data bytes must be responded to with an ACKNOWLEDGE from the master.
For termination of the transmission the master sends a NOT ACKNOWLEDGE following the last data byte and a
subsequent STOP condition.
7.11 Operating Modes
If the voltage on VDD_GPIO is less than 0.3V, the AS3688 is in shutdown mode and its current consumption is
minimized (I(BAT) = ISHUTDOWN) and all internal registers are reset to their default values and the serial interface
is disabled.
If the voltage on VDD_GPIO rises above 1.5V, the AS3688 serial interface is enabled and the AS3688 and the
standby mode is selected.
If the LDO ANA1 is enabled (ldo_ana1_on=1) and ldo_ana1_lpo is set, the AS3688 enters low power mode
(I(BAT) = ILOWPOWER).
The AS3688 is switched automatically from standby mode (I(BAT) = ISTANDBY) or low power mode into normal
mode (I(BAT) = IACTIVE) and back, if one of the following blocks are activated:
LDO ANA1 in normal mode (ldo_ana1_lpo=0)
LDO ANA2
Charge pump
External charge pump
Step up regulator
Any current sink
ADC conversion started
PWM active
Pattern mode active.
If any of these blocks are already switched on (active mode) the internal oscillator is running and a write
instruction to the registers is directly evaluated within 1 internal CLK Cycle (Typ. 1usec)
If all these blocks are disabled (standby mode or lowpower mode), a write instruction to enable these blocks is
delayed by 64 CLK cycles (oscillator will startup, within max 200usec).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com