Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3688 Datasheet(PDF) 47 Page - ams-OSRAM AG

Part # AS3688
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3688 Datasheet(HTML) 47 Page - ams-OSRAM AG

Back Button AS3688 Datasheet HTML 43Page - ams-OSRAM AG AS3688 Datasheet HTML 44Page - ams-OSRAM AG AS3688 Datasheet HTML 45Page - ams-OSRAM AG AS3688 Datasheet HTML 46Page - ams-OSRAM AG AS3688 Datasheet HTML 47Page - ams-OSRAM AG AS3688 Datasheet HTML 48Page - ams-OSRAM AG AS3688 Datasheet HTML 49Page - ams-OSRAM AG AS3688 Datasheet HTML 50Page - ams-OSRAM AG AS3688 Datasheet HTML 51Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
45 - 70
Adder Current 1
Addr: 30h
This register defines the current which can be added to CURR1, CURR41, RGB1
Bit
Bit Name
Default
Access
Description
7:0
adder_current1
00b
R/W
Selects the added current value – do not exceed together
with currX_current the internal 8 Bit range (see text)
00h = 0 (represents 0mA)
...
FFh = 255 (represents 38.25mA)
Adder Current 2
Addr: 31h
This register defines the current which can be added to CURR2, CURR42, RGB2
Bit
Bit Name
Default
Access
Description
7:0
adder_current2
00b
R/W
Selects the added current value – do not exceed together
with currX_current the internal 8 Bit range (see text)
00h = 0 (represents 0mA)
...
FFh = 255 (represents 38.25mA)
Adder Current 3
Addr: 32h
This register defines the current which can be added to CURR43, RGB3
Bit
Bit Name
Default
Access
Description
7:0
adder_current3
00b
R/W
Selects the added current value – do not exceed together
with currX_current the internal 8 Bit range (see text)
00h = 0 (represents 0mA)
...
FFh = 255 (represents 38.25mA)
Adder Enable 1
Addr: 33h
Enables the adder circuit for the selected current sources
Bit
Bit Name
Default
Access
Description
0
rgb1_adder
0
R/W
Enables adder circuit for current source RGB1
0 = Normal Operation of the current source
1 = adder_current1 gets added to the current source current
1
rgb2_adder
0
R/W
Enables adder circuit for current source RGB2
0 = Normal Operation of the current source
1 = adder_current2 gets added to the current source current
2
rgb3_adder
0
R/W
Enables adder circuit for current source RGB3
0 = Normal Operation of the current source
1 = adder_current3 gets added to the current source current
3
curr41_adder
0
R/W
Enables adder circuit for current source CURR41
0 = Normal Operation of the current source
1 = adder_current1 gets added to the current source current
4
curr42_adder
0
R/W
Enables adder circuit for current source CURR42
0 = Normal Operation of the current source
1 = adder_current2 gets added to the current source current
5
curr43_adder
0
R/W
Enables adder circuit for current source CURR43
0 = Normal Operation of the current source
1 = adder_current3 gets added to the current source current
Adder Enable 2
Addr: 34h
Enables the adder circuit for the selected current sources
Bit
Bit Name
Default
Access
Description
0
curr1_adder
0
R/W
Enables adder circuit for current source CURR1
0 = Normal Operation of the current source
1 = adder_current1 gets added to the current source current
1
curr2_adder
0
R/W
Enables adder circuit for current source CURR2
0 = Normal Operation of the current source
1 = adder_current2 gets added to the current source current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com