Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3688 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS3688
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3688 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS3688 Datasheet HTML 9Page - ams-OSRAM AG AS3688 Datasheet HTML 10Page - ams-OSRAM AG AS3688 Datasheet HTML 11Page - ams-OSRAM AG AS3688 Datasheet HTML 12Page - ams-OSRAM AG AS3688 Datasheet HTML 13Page - ams-OSRAM AG AS3688 Datasheet HTML 14Page - ams-OSRAM AG AS3688 Datasheet HTML 15Page - ams-OSRAM AG AS3688 Datasheet HTML 16Page - ams-OSRAM AG AS3688 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
11 - 70
Table
5 – Register definition for Analog LDO
Ldo ana1 voltage
Addr: 07h
This register sets the output voltage (VANA) for the LDO.
Bit
Bit Name
Default
Access
Description
4:0
ldo_ana1_voltage
00000b
R/W
Controls LDO voltage selection.
00000b = 1.85V.
... LSB = 50mV
11111b = 3.4V
Table
6 – Register definition for Analog LDO
Ldo ana2 voltage
Addr: 08h
This register sets the output voltage (VANA) for the LDO.
Bit
Bit Name
Default
Access
Description
4:0
ldo_ana2_voltage
00000b
R/W
Controls LDO voltage selection.
00000b = 1.85V.
... LSB = 50mV
11111b = 3.4V
5
ldo_ana2_pulld
0
R/W
Enable a pulldown for LDO ANA2 (pin RGB3). If RGB3
current sink or the external charge pump is used, leave
this bit at default 0; if the LDO ANA2 is used in a system,
set this bit always to 1
0 = pulldown is disabled
1 = pulldown is enabled; has only effect if LDO ANA2 is
off (ldo_ana2_on = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com