Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 23 Page - ams-OSRAM AG

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Datasheet(HTML) 23 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 19Page - ams-OSRAM AG AS7221 Datasheet HTML 20Page - ams-OSRAM AG AS7221 Datasheet HTML 21Page - ams-OSRAM AG AS7221 Datasheet HTML 22Page - ams-OSRAM AG AS7221 Datasheet HTML 23Page - ams-OSRAM AG AS7221 Datasheet HTML 24Page - ams-OSRAM AG AS7221 Datasheet HTML 25Page - ams-OSRAM AG AS7221 Datasheet HTML 26Page - ams-OSRAM AG AS7221 Datasheet HTML 27Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Document Feedback
AS7221
Functional Description
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 22
allows a direct PWM input at the end of the sensor line and override all PWM values calculated by the
AS7221 and all ATXPWMx values as well.
To set the desired device operation MODE use the appropriate RMODE resistor, also shown in
Figure 18.
Figure 18:
Outputs
MODE
RMODE
Setting
Outputs
PWM_1/0_10V_O
PWM_2 and PWM_3
0
100
Ω
0-10 V analog
Analog 0-VDDHV (1)
Digital PWMs (0-VDD)
1
470
Ω
0-10 V digital
Digital PWM (VDDHV)(2)
Digital PWMs (0-VDD)
2
1000
Ω
Digital 2-CH color
tuning
Analog 0-VDDHV, not used
for dimming
Digital PWMs (0-VDD),
w/Dimming
(1)
For VDDHV>10.5 V, output max is 10 V, else output max tracks VDDHV.
(2)
Digital PWM output is following VDDHV and it not limited to 10 V in digital PWM mode.
7.6
Indicator LED
An LED, connected to pin LED_IND, is used to indicate boot and programming progress of the device.
If an error occurs with the memory access the indicator LED starts blinking operation. When
programming is finished and programming tool disconnected the indicator LED turns on (default
setting).
The LED_IND pin is set for 1 mA operation by the AS7221 factory firmware. This is not under user
control. The indicator LED can be enabled or disabled by using the ATLED0 command. Consideration
should be taken with respect to any final product design to avoid light intrusion from the indicator LED
into the direct or reflected field of view of the sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com