Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 10Page - ams-OSRAM AG AS7221 Datasheet HTML 11Page - ams-OSRAM AG AS7221 Datasheet HTML 12Page - ams-OSRAM AG AS7221 Datasheet HTML 13Page - ams-OSRAM AG AS7221 Datasheet HTML 14Page - ams-OSRAM AG AS7221 Datasheet HTML 15Page - ams-OSRAM AG AS7221 Datasheet HTML 16Page - ams-OSRAM AG AS7221 Datasheet HTML 17Page - ams-OSRAM AG AS7221 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
Document Feedback
AS7221
Optical Characteristics
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 13
Figure 8:
AS7221 Optical Characteristics
Symbol
Parameter
Conditions
Min
Typ
(1)
Max
Unit
Color_m(2)
Color Measurement
Accuracy
White Light
CCT=2700 K,
3500 K, 4500 K and
5700K
0.002
du’v’
Z_count
Z Channel Count
Accuracy
White light CCT =
5700 K
3.375
4.5
5.625
counts/
(
W/cm2)
(1)
Typical values at Lux ≥50, Integration time=400.4 ms, Gain=1x, T
AMB = 25 ºC.
(2)
Calibration and measurements were made at diffused light.
Figure 9:
Normalized Spectral Responsivity (all filters are normalized to 1)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
1050
1100
WAVELENGTH (NM)
S ENS O R F UNCTI ON BA S ED O N CI E 1 9 31 2 ° CMF
X
Y
Z
NIR
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com