Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 34 Page - ams-OSRAM AG

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Datasheet(HTML) 34 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 30Page - ams-OSRAM AG AS7221 Datasheet HTML 31Page - ams-OSRAM AG AS7221 Datasheet HTML 32Page - ams-OSRAM AG AS7221 Datasheet HTML 33Page - ams-OSRAM AG AS7221 Datasheet HTML 34Page - ams-OSRAM AG AS7221 Datasheet HTML 35Page - ams-OSRAM AG AS7221 Datasheet HTML 36Page - ams-OSRAM AG AS7221 Datasheet HTML 37Page - ams-OSRAM AG AS7221 Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Document Feedback
AS7221
Smart Lighting Command Interface
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 33
Figure 31:
Smart Lighting Command Interface
10.1
AT Commands
The command interface to control the AS7221 is via the UART, using AT commands across the UART
interface. The AT command interface block diagram, shown in Figure 31 between the network
interface and the core of the system, provides access to the AS7221
’s Cognitive Light Engine’s control
and configuration functions (see also chapter UART ).
In the command description below, numeric values may be specified with no leading prefix, in which
case they will be interpreted as decimals, with l
eading “0x” to indicate that they are hexadecimal
numbers, or with a leading “b” to indicate, that they are binary numbers. The commands are grouped
into functional areas Texts appearing between angle brackets (‘<’ and ‘>’) are commands or response
argument. A carriage return character, a linefeed character, or both may terminate commands to the
SLM. The SLM command output is a response followed by a linefeed character. Note that any
command that cannot interpreted or which encounters an error will generate
“ERROR” response.
Figure 32:
AT Commands
Command
Direction
Description
Format
Value Range
Default
Status and Basic Initialization
AT
R
NOP
-
-
-
ATLIGHT
R/W
Enables/disables the
light (PWM output)
DEZ
1:ON, 0:OFF
1
UART
CLE
AS7221
Smart Lighting Command Interface
Network
Bridge
Smart Lighting
Command
BLE
WiFI
ZigBee
BacNet
KNX
etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com