Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 53 Page - ams-OSRAM AG

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Datasheet(HTML) 53 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 48Page - ams-OSRAM AG AS7221 Datasheet HTML 49Page - ams-OSRAM AG AS7221 Datasheet HTML 50Page - ams-OSRAM AG AS7221 Datasheet HTML 51Page - ams-OSRAM AG AS7221 Datasheet HTML 52Page - ams-OSRAM AG AS7221 Datasheet HTML 53Page - ams-OSRAM AG AS7221 Datasheet HTML 54Page - ams-OSRAM AG AS7221 Datasheet HTML 55Page - ams-OSRAM AG AS7221 Datasheet HTML 56Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
Document Feedback
AS7221
Soldering & Storage Information
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 52
Parameter
Reference
Device
Time above Tpeak
– 10 °C (T3)
t3
Max 10s
Peak temperature in reflow
Tpeak
260°C
Temperature gradient in cooling
Max - 5°C/s
14.1
Manufacturing Process Considerations
The AS7221 package is compatible with standard reflow no-clean and cleaning processes including
aqueous, solvent or ultrasonic techniques. However, as an open-aperture device, precautions must be
taken to avoid particulate or solvent contamination as a result of any manufacturing processes,
including pick and place, reflow, cleaning, integration assembly and/or testing. Temporary covering of
the aperture is allowed. To avoid degradation of accuracy or performance in the end product, care
should be taken that any temporary covering and associated sealants/debris are thoroughly removed
prior to any optical testing or final packaging.
14.2
Storage Information
Moisture sensitivity optical characteristics of the device can be adversely affected during the soldering
process by the release and vaporization of moisture that has been previously absorbed into the
package. To ensure the package contains the smallest amount of absorbed moisture possible, each
device is baked prior to being dry packed for shipping. Devices are dry packed in a sealed aluminized
envelope called a moisture-barrier bag with silica gel to protect them from ambient moisture during
shipping, handling, and storage before use.
14.2.1
Shelf Life
The calculated shelf life of the device in an unopened moisture barrier bag is 12 months from the date
code on the bag when stored under the following conditions:
●
Shelf Life: 12 months
●
Ambient Temperature: <40 °C
●
Relative Humidity: <90%
Rebaking of the devices will be required if the devices exceed the 12 month shelf life or the Humidity
Indicator Card shows that the devices were exposed to conditions beyond the allowable moisture
region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com