Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 16Page - ams-OSRAM AG AS7221 Datasheet HTML 17Page - ams-OSRAM AG AS7221 Datasheet HTML 18Page - ams-OSRAM AG AS7221 Datasheet HTML 19Page - ams-OSRAM AG AS7221 Datasheet HTML 20Page - ams-OSRAM AG AS7221 Datasheet HTML 21Page - ams-OSRAM AG AS7221 Datasheet HTML 22Page - ams-OSRAM AG AS7221 Datasheet HTML 23Page - ams-OSRAM AG AS7221 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Document Feedback
AS7221
Functional Description
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 19
Figure 14:
0-10 V Dimming Pin Input
For the AS7221, dimming can be accomplished from either the input pin (DIM) or smart lighting
command via the UART. For network commanded dimming, using the AS7221 Smart Lighting
Command Set, the UART interface is used. To prevent flicker effects the low end of the dimming
range can be adjusted via the ATDMLTL command to the provided range of the external dimming
device.
Local hardware inputs can be provided by, for example, a slide control dimmer. The 0-10 V DIM
analog input signal is downscaled by the AS7221 with an internal voltage divider and converted to a
10-bit digital value, 0 V=full dimming, 10 V=no dimming. When using the internal voltage divider the
voltage at the VDDHV pin has to be higher than 10 V.
If a second supply voltage is not available, VDDHV and VDD are tied together and the downscale has
to be done by an external resistor divider. The maximum range in the downscaled input is limited to
2 V. Hence, to accept a full range 10 V signal the input resistor divider has to be 5:1 ratio. Dependent
on the level at pin VDDHV the Smart Lighting Manager automatically selects either the internal or the
external voltage divider. Refer to Figure 14 and Figure 15.
If the DIM pin is not used, an external resister pull-up connecting it to VDDHV is recommended. For a
complete description of the Smart Lighting Command Set refer to Section 10 Figure 32.
Figure 15:
AUX Pin Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com