Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 5Page - ams-OSRAM AG AS7221 Datasheet HTML 6Page - ams-OSRAM AG AS7221 Datasheet HTML 7Page - ams-OSRAM AG AS7221 Datasheet HTML 8Page - ams-OSRAM AG AS7221 Datasheet HTML 9Page - ams-OSRAM AG AS7221 Datasheet HTML 10Page - ams-OSRAM AG AS7221 Datasheet HTML 11Page - ams-OSRAM AG AS7221 Datasheet HTML 12Page - ams-OSRAM AG AS7221 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Document Feedback
AS7221
Pin Assignment
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 8
3.2
Pin Description
Figure 4:
Pin Description of AS7221 (20-Pin LGA)
Pin Number
Pin Name
Pin Type
(1)
Description
1
PWM_3
AO
Digital PWM 3
2
SYNC/RESN
DI
Active low (with internal pull-up to VDD)
3
SCK
DI
SPI serial clock
4
MOSI
DO
SPI MOSI
5
MISO
DI
SPI MISO
6
CSN
DO
Chip select for the required external serial flash
memory, active low
7
NC
-
Not connected
8
AUX
AI
Auxiliary mode input pin
9
SCL_M
DI/O
I²C master clock pin
10
SDA_M
DI/O
I²C master data pin
11
RX
DI
UART RX pin
12
TX
DO
UART TX pin
13
DIM
AI
0-2 V or 0-10 V input dimming pin
14
VDDHV
P
High voltage supply
15
MODE
AI
Mode selection pin
16
GND
P
Ground
17
VDD
P
Low voltage supply
18
LED_IND
AO
LED Driver output for Indicator LED, current
sink
19
PWM_1
AO
Digital PWM 1
0_10V_O
AO
0-10 V output pin
20
PWM_2
AO
Digital PWM 2
(1)
Explanation of abbreviations:
DI
Digital Input
DO
Digital Output
DI/O
Digital In Out
AO
Analog Out
AI
Analog In
P
Power Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com