Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 8Page - ams-OSRAM AG AS7221 Datasheet HTML 9Page - ams-OSRAM AG AS7221 Datasheet HTML 10Page - ams-OSRAM AG AS7221 Datasheet HTML 11Page - ams-OSRAM AG AS7221 Datasheet HTML 12Page - ams-OSRAM AG AS7221 Datasheet HTML 13Page - ams-OSRAM AG AS7221 Datasheet HTML 14Page - ams-OSRAM AG AS7221 Datasheet HTML 15Page - ams-OSRAM AG AS7221 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Document Feedback
AS7221
Electrical Characteristics
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 11
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Temperature Sensor
DTEMP
Absolute Accuracy
of the Internal
Temperature
Measurement
-8.5
8.5
°C
Indicator LED
IIND
LED Current
1
8
mA
IACC
Accuracy of Current
-30
30
%
VLED
Voltage Range of
Connected LED
VDS of current sink
0.3
VDD
V
Digital Inputs and Outputs
IIH, IIL
Logic Input Current
Vin=0 V or VDD
-1
1
µA
IIL SYNC/RESN
Logic Input Current
(SYNC/RESN pin)
Vin=0 V
-1
-0.2
mA
VIH
CMOS Logic High
Input
0.7 × VDD
VDD
V
VIL
CMOS Logic Low
Input
0
0.3 × VDD
V
VOH
CMOS Logic High
Output
I=1 mA
VDD - 0.4
V
VOL
CMOS Logic Low
Output
I=1 mA
0.4
V
tRISE
(1)
Current Rise Time
C(Pad)=30 pF
5
ns
tFALL
(1)
Current Fall Time
C(Pad)=30 pF
5
ns
(1)
Guaranteed, not production tested
(2)
For VDDHV>10.5, output max is 10 V, else output max tracks VDDHV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com