Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 41 Page - ams-OSRAM AG

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Datasheet(HTML) 41 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 37Page - ams-OSRAM AG AS7221 Datasheet HTML 38Page - ams-OSRAM AG AS7221 Datasheet HTML 39Page - ams-OSRAM AG AS7221 Datasheet HTML 40Page - ams-OSRAM AG AS7221 Datasheet HTML 41Page - ams-OSRAM AG AS7221 Datasheet HTML 42Page - ams-OSRAM AG AS7221 Datasheet HTML 43Page - ams-OSRAM AG AS7221 Datasheet HTML 44Page - ams-OSRAM AG AS7221 Datasheet HTML 45Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Document Feedback
AS7221
Smart Lighting Command Interface
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 40
Command
Direction
Description
Format
Value Range
Default
ATI2CB
W
Starts a burst transfer
up to 10 bytes for
writing and reading. At
first the data will be
written and after then
read sequence will be
started
HEX
ATI2CB=<7-
bit_address>,<read_length>[,<write_data>
] - first two parameter can be hex or dez,
- <write_data> must be hex without
leading 0x, but is optional
examples:
ATI2CB=<7-
bit_address>,<read_length>[,<write_data>
]
- first two parameter can be hex or dez,
- <write_data> must be hex without
leading 0x, but is optional
examples:
ATI2CB=0x49,2: reads two byte from addr
0x49
ATI2CB=50,4,5BF3: writes 0x5B and
0xF3 to address 50 and read 4 bytes after
this
-
Calibration Management
ATDATA
R
Read all six raw
values: X, Y, Z, IR,
dark, clear
DEZ
<X, Y, Z, ir, d, c>
-
ATAMxy
R/W
Write 3x3 application
matrix to flash, x,y =
[0..2]
DEZ
-
1,0,0
0,1,0
0,0,1
ATNORMGAIN
R/W
Set/Get the gain which
the calibration values
were measured
DEZ
0
– 3
1
ATNORMINTT
R/W
Set/Get the integration
time which the
calibration values were
measured
DEZ
1
– 255
59
ATIRXS
R/W
Write IR scalar for
value X
DEZ
-
p2ram
value 0.0
ATIRYS
R/W
Write IR scalar for
value Y
DEZ
-
p2ram
value 0.0
ATIRZS
R/W
Write IR scalar for
value Z
DEZ
-
p2ram
value 0.0
ATPMxy
R/W
Write 3x3 color matrix
to flash, x,y = [0..2]
DEZ
-
p2ram
value
1,0,0
0,1,0
0,0,1
ATLXSL0
R/W
Reads and writes the
calibration scalar K0 for
external ambient light
sensor (TSL2572 only);
Formula:
LUX=K0*ADC0-
K1*ADC1
DEZ
≥0
0.2178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com