Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 26 Page - ams-OSRAM AG

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Datasheet(HTML) 26 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 22Page - ams-OSRAM AG AS7221 Datasheet HTML 23Page - ams-OSRAM AG AS7221 Datasheet HTML 24Page - ams-OSRAM AG AS7221 Datasheet HTML 25Page - ams-OSRAM AG AS7221 Datasheet HTML 26Page - ams-OSRAM AG AS7221 Datasheet HTML 27Page - ams-OSRAM AG AS7221 Datasheet HTML 28Page - ams-OSRAM AG AS7221 Datasheet HTML 29Page - ams-OSRAM AG AS7221 Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
Document Feedback
AS7221
I²C Master Interface
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 25
Random Read and Sequential Read are combined formats. The repeated START condition is used to
change the direction after the data transfer from the master.
The word address transfer is initiated with a START condition issued by the master while the bus is
idle. The START condition is followed by the device-write address and the word address.
In order to change the data direction a repeated START condition is issued on the 1st SCL pulse after
the acknowledge bit of the word address transfer. After the reception of the device-read address, the
slave becomes the transmitter. In this state the slave transmits register data located by the previous
received word address vector. The master responds to the data byte with a not-acknowledge, and
issues a STOP condition on the bus.
Figure 23:
I
2C Sequential Read(1)
(1)
Shows the format of an I²C sequential read access.
Sequential Read is the extended form of Random Read, as more than one register-data bytes are
transferred subsequently. In difference to the Random Read, for a sequential read the transferred
register-data bytes are responded by an acknowledgement from the master. The number of data bytes
transferred in one sequence is unlimited (consider the behavior of the word-address counter). To
terminate the transmission the master has to send a not-acknowledge following the last data byte and
generate the STOP condition subsequently.
The AS7221 is compatible to the NXP two wire specifications.
http://www.nxp.com/documents/user_manual/UM10204.pdf Version 4.0 Feb 2012 for standard mode
and fast mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com