Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS7221 Datasheet HTML 1Page - ams-OSRAM AG AS7221 Datasheet HTML 2Page - ams-OSRAM AG AS7221 Datasheet HTML 3Page - ams-OSRAM AG AS7221 Datasheet HTML 4Page - ams-OSRAM AG AS7221 Datasheet HTML 5Page - ams-OSRAM AG AS7221 Datasheet HTML 6Page - ams-OSRAM AG AS7221 Datasheet HTML 7Page - ams-OSRAM AG AS7221 Datasheet HTML 8Page - ams-OSRAM AG AS7221 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
Document Feedback
AS7221
General Description
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 3
1
General Description
The AS7221 CCT Tuning Smart Lighting Manager device is part of the ams AS722x/1x Smart Lighting
Manager/Director family of products that simplify tunable and environmentally responsive lighting
designs,
enable lights to be “aware” and adapt to their surroundings, and to autonomously serve
human-centered lighting and energy conservation needs. The device is equipped with an advanced
Cognitive Lighting Engine (CLE) to optimize, chromatic white tuning, daylight harvesting and lumen
maintenance via a combination of PWM and/or 0-10 V controls with dimming ballasts. Direct
connection to a local I/O network enables connectivity with standard occupancy sensors, dimmers or
communications bridges.
The AS7221 is designed for use directly in tunable white luminaires, replacement lamps (bulbs) and
light-engines/modules, or with a simple lightguide implementation, it can be incorporated directly into
an LED driver to enable a highly cost-competitive, high-accuracy warm/cool CCT tuning solution.
AS7221 XYZ chromatic white sensing provides mapping to x, y (z) of the CIE 1931 2-dimensional
color gamut coordinates and scales the coordinates to the CIE 1976 u’v’ coordinate system. The
AS7221
1’s silicon via nano-optic deposited interference filters deliver high-stability over both time and
temperature. The Manager’s integrated intelligence enables ams factory CCT calibration, which
mitigates chip to chip variation. By combining this factory calibration with a supported luminaire
design-
level “application matrix”, an end luminaire design can often eliminate the need for light-by-light
calibration while delivering lifetime color control. With such a system calibration, accuracies within 2-4
Macadam steps are possible. The LGA package includes a built in aperture to control light entering
the sensor array. No additional optics are required.
The AS7221 connects to standard 0-10 V dimmers inputs and drives 0-10 V dimming ballasts/drivers
to enable a highly cost-effective white tunable current-steering luminaire design with a single-channel
constant current ballast. Direct PWM inputs can also interface to standard PWM-dimmable LED
drivers or multi-channel ballasts for constant voltage LED lighting architectures.
An UART interface is provided for configuration, control and management via a driverless, high-level
text base Smart Lighting Command Set.
1.1
Key Benefits & Features
The benefits and features of AS7221, CCT Tuning Smart Lighting Manager, are listed below:
Figure 1:
Added Value of Using the AS7221
Benefits
Features
Lowers overall manufactured costs and adds
precision to tunable white luminaires and lamps
Intelligent controller with integrated, calibrated
XYZ Tristimulus Sensor (CIE 1931 Standard
Observer Color Function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com