Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 17Page - ams-OSRAM AG AS7221 Datasheet HTML 18Page - ams-OSRAM AG AS7221 Datasheet HTML 19Page - ams-OSRAM AG AS7221 Datasheet HTML 20Page - ams-OSRAM AG AS7221 Datasheet HTML 21Page - ams-OSRAM AG AS7221 Datasheet HTML 22Page - ams-OSRAM AG AS7221 Datasheet HTML 23Page - ams-OSRAM AG AS7221 Datasheet HTML 24Page - ams-OSRAM AG AS7221 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Document Feedback
AS7221
Functional Description
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 20
The AUX input is a multifunction pin that is configured via SLCS commands into one of several
modes. It can be used as a secondary input to allow additional control, in addition to the 0-10 V slider
dimming function of the DIM pin. In AUX mode, the sensed AUX voltage is scaled and used to multiply
the dimming scale. The auxiliary sensor input (AUX) has a 0-3 V range for its default analog sensing
mode. With this 0-3 V range, external ranges such as 0-10 V can be accommodated using external
resister divider networks such as a 10:3 network for a 0-10 V occupancy sensor. The AUX pin can
also be configured for digital sensing (0,1 where 1=VDD).
In the OCC mode an occupancy event from an external digital occupancy sensing device will trigger a
timer restart, enabling the occupancy sensing function. An occupancy event enables the PWM output
and resets the OCC timer. If the OCC signal falls below a detecting threshold (50%), the OCC timer
restarts a countdown. The OCC timer counting time is set by the ATOCCT command. A value up to 10
minutes can be stored. After finishing the countdown without an occupancy event re-occurring, the
PWM output is dimmed to 0 output (lights off).
In CCT_Tune mode, the analog pin input will be interpreted to linearly tune between min and max
CCT values that are set via smart lighting commands. In this mode, all lights on a single CCT-tuning
circuit will see the same CCT_Tune input value for light-to-light CCT consistency.
In CCT_SEL mode, a preselected CCT target value can be set via the provided voltage at the AUX
pin. The selected CCT target values will be configured in 300 mV step width.
Figure 16:
CCT_SEL Targets
CCT (K)
Vmin (mV)
Vnorm (mV)
Vmax (mV)
Default configured target value
0
150
300
2700
300
450
600
3000
600
750
900
3500
900
1050
1200
4000
1200
1350
1500
4100
1500
1650
1800
5000
1800
1950
2100
5700
2100
2250
2400
6500
2400
2550
2700
CT off
2700
2850
3000
If the AUX pin is not used, an external resistor pull-up connecting it to VDD is recommended.
7.4
Synchronization and Reset
AS7221 provides optional synchronization of the PWMs. This sync signal can be derived from the AC
mains to enable all luminaires in a room to be synchronized to prevent beat frequency flicker. If the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com