Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 9Page - ams-OSRAM AG AS7221 Datasheet HTML 10Page - ams-OSRAM AG AS7221 Datasheet HTML 11Page - ams-OSRAM AG AS7221 Datasheet HTML 12Page - ams-OSRAM AG AS7221 Datasheet HTML 13Page - ams-OSRAM AG AS7221 Datasheet HTML 14Page - ams-OSRAM AG AS7221 Datasheet HTML 15Page - ams-OSRAM AG AS7221 Datasheet HTML 16Page - ams-OSRAM AG AS7221 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Document Feedback
AS7221
Optical Characteristics
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 12
6
Optical Characteristics
The XYZ chromatic white/color sensor, part of the AS7221 Cognitive Light Engine (CLE), is a next-
generation digital color sensor device. The sensor contains an integrating analog-to-digital converter
with 16-bit resolution ADC, which integrates current from photodiodes. Upon completion of the
conversion cycle, the result is transferred to the corresponding data registers to drive internal tuning
algorithms. Transfers are double-buffered to ensure integrity of the data is maintained.
Standard observer tri- stimulus (XYZ) interference filters
are applied to the SLM’s optical channels as
part of the CMOS process. This unique process enables filter responses that mimic the human eye
and is extremely stable over both operating temperature and time. This in turn allows lifetime
correlated color temperature (CCT) calibration to be performed as part of the manufacturing process.
Calibration is accomplished using standard white LEDs at a variety of CCTs to deliver high accuracy
and typically eliminate the need for light-by-light calibration in most designs. Note that any change of
the precalibrated measurement conditions have an impact on the accuracy of the measurement
results. In such cases a design-level diffuser or color brightness calibration is recommended to
achieve highest accuracies. The AS7221 provides 2 calibration matrices, a factory calibration and a
second application specific matrix to optimize the measurement performance. The additional
calibration values will be set using the Smart Lighting Command Set directives ATNORMGAIN and
ATNORMINTT. These settings will be saved in the external flash and reloaded automatically by the
sensor firmware. See Section 10 for description of the complete Smart Lighting Command Set.
The AS7221 LGA package contains an internal aperture that provides a package field of view (PFOV)
of ± 20.5°. External optics can be used as needed to expand or reduce this built in PFOV.
Sensor data readout to the maximum count value range is limited by the ADC. The maximum count
range value of 65535 is only reached with an integration time tINT of approximately 177.92 ms. Below
that value, the FSR will be less than the maximum 16-bit/65536 count maximum as described in the
chart below.
Figure 7:
Overview Signal Resolution
Bit Resolution
tINT in ms
Maximum Counts
10
2.78
1024
11
5.56
2048
12
11.12
4096
13
22.24
8192
14
44.48
16384
15
88.96
32768
16
177.92
65536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com