Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 25 Page - ams-OSRAM AG

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Datasheet(HTML) 25 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 21Page - ams-OSRAM AG AS7221 Datasheet HTML 22Page - ams-OSRAM AG AS7221 Datasheet HTML 23Page - ams-OSRAM AG AS7221 Datasheet HTML 24Page - ams-OSRAM AG AS7221 Datasheet HTML 25Page - ams-OSRAM AG AS7221 Datasheet HTML 26Page - ams-OSRAM AG AS7221 Datasheet HTML 27Page - ams-OSRAM AG AS7221 Datasheet HTML 28Page - ams-OSRAM AG AS7221 Datasheet HTML 29Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Document Feedback
AS7221
I²C Master Interface
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 24
8.2
I²C Write Access
Byte Write and Page Write formats are used to write data to the slave.
Figure 20:
I
2C Byte Write
Figure 21:
I
2C Page Write
The transmission begins with the START condition, which is generated by the master when the bus is
in IDLE state (the bus is free). The device-write address is followed by the word address. After the
word address any number of data bytes can be sent to the slave. The word address is incremented
internally, in order to write subsequent data bytes on subsequent address locations.
For reading data from the slave device, the master has to change the transfer direction. This can be
done either with a repeated START condition followed by the device-read address, or simply with a
new transmission START followed by the device-read address, when the bus is in IDLE state. The
device-read address is always followed by the 1st register byte transmitted from the slave. In Read
mode any number of subsequent register bytes can be read from the slave. The word address is
incremented internally.
8.3
I²C Read Access
Random, Sequential and Current Address Read are used to read data from the slave.
Figure 22:
I
2C Random Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com