Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTC-LAB Datasheet(PDF) 17 Page - Wavelength Electronics, Inc.

Part # LDTC-LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC-LAB Datasheet(HTML) 17 Page - Wavelength Electronics, Inc.

Back Button LDTC-LAB Datasheet HTML 13Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 14Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
17
SYSTEM INFORMATION
With the power switch on, swipe the touchscreen from left to
right on any screen to show the System Information screen.
Figure 25. System Information Screen
Here you will find product information such as model number,
serial number, firmware version, calibration date, along with
contact information for support.
Cancel will return the unit to
the previous screen.
Restore factory default settings will
restore all settings to the factory default, erasing IntelliTune
data, laser and temperature setpoints, transfer functions, etc.
Any customer-defined sensors will remain stored, however.
TC OPERATING INSTRUCTIONS
The LDTC LAB does not support TEC/RH that are
connected to the laser case.
ACCESS THE TC SCREENS
Ensure that the instrument is on the TC Screens
by pressing the TC Screen button if the TC
Screen is not active.
SET TC LIMITS
1. Press to access the TC Limit Screen.
2. Press
+ Limit Current, - Limit Current, Max
Temp, and/or Min Temp values and rotate the
adjustment knob to change each value. The text
will revert to blue when set.
Figure 26. TC Limit Screen
NOTES:
• The
Limit Currents should not exceed the damage current
threshold of the thermoelectric. To operate a resistive heater,
set one limit to
OFF.
• If the
Max Temp or Min Temp limits are exceeded, current output
to the thermoelectric will be disabled. This status is reported
remotely so the user can take action. Remote commands
can be used to trigger the laser diode current to be disabled
simultaneously (LASer:ENABle:OUTOFF).
• If the controller is running at limit current, the TC control icon and
limit icon will be ringed with red.
SELECT A SENSOR
The sensor choice determines the sensor voltage to
temperature relationship and which sensor pins are monitored
on the 15+2 D-SUB.
1. Press to access the Sensor Screen.
2. Press the blue sensor name and turn the
adjustment knob to cycle through the factory
default sensor types or any user-defined
sensors that were setup remotely.
The factory default sensors cannot be edited or deleted. They
are:
• Thermistor 5 kΩ 10 µA
• Thermistor 5 kΩ 100 µA
• Thermistor 10 kΩ 10 µA
• Thermistor 10 kΩ 100 µA
• Thermistor 20 kΩ 10 µA
• Thermistor 20 kΩ 100 µA
• Thermistor 50 kΩ 10 µA
• Thermistor 50 kΩ 100 µA
• Thermistor 100 kΩ 10 µA
• Thermistor 100 kΩ 100 µA
• RTD 2-wire, 100 Ω DIN
• RTD 2-wire, 1 kΩ DIN
• Linear IC Voltage Sensor
• Linear IC Current Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com