Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTC-LAB Datasheet(PDF) 14 Page - Wavelength Electronics, Inc.

Part # LDTC-LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC-LAB Datasheet(HTML) 14 Page - Wavelength Electronics, Inc.

Back Button LDTC-LAB Datasheet HTML 10Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 11Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 12Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 13Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 14Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
14
SETTINGS SCREEN
1. Press to access the Settings Screen.
2. Press the
Display value to cycle through the
display and control temperature units available
- Celsius (°C), Fahrenheit (°F), Kelvin (K) or
Sensor Raw.
3. Press either
Tolerance value and turn the adjustment
knob until the desired tolerance window is displayed. A
green target symbol will show on the front panel when
the actual temperature is within the window defined by
setpoint ± the tolerance for the specified amount of time.
4. Move the slider bar on the touchscreen to change the
Display Brightness.
5. Press the blue text to toggle the
Beeper setting.
Figure 19. Settings Screen
SAVE/RECALL OPERATIONAL
PARAMETERS
1. Access the Settings Screen.
2. Press to access the Save/Recall Screen.
3. Under
Save Settings to, press
the blue text to toggle through the
Profile options, select one, and
then press the
Save icon.
The following operational parameters are saved:
TC PARAMETERS
LD PARAMETERS
Tune Mode
Control Mode
Temperature Setpoint
Laser Setpoint
Current Limit, Negative
Current Limit
Current Limit, Positive
Max Laser Voltage
Sensor
PD Range
Sensor Bias Current
PD Transfer Function
High Temperature Limit
PD Bias Voltage On/Off
Low Temperature Limit
On Delay Time
Proportional Gain
Cable Resistance
Integrator Time Constant
Laser Type
Differentiator Time Constant
Tolerance
Temperature Units
Cable Resistance
Voltage Limit
GENERAL PARAMETERS
Beeper Mute Status
Display Brightness
Under
Recall Settings from, press the blue text
to toggle through the saved Profile options, and
then press the
Recall icon to recall the saved
settings. Select Factory Profile to restore the settings to the
factory defaults. Note that the Factory Profile is not editable.
Profile names can be set via remote command.
Figure 20. Save / Recall Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com