Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTC-LAB Datasheet(PDF) 21 Page - Wavelength Electronics, Inc.

Part # LDTC-LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC-LAB Datasheet(HTML) 21 Page - Wavelength Electronics, Inc.

Back Button LDTC-LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 24Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 25Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
CHOOSE OPERATION MODE,
SETPOINT & LASER TYPE
1. Press to access the LD Control Screen.
2. Press the
Mode type to toggle between
Constant Current and Constant Power. This
control cannot be modified if output current to
the laser is enabled.
3. Press the
Setpoint value and turn the adjustment knob
until the desired operating current is displayed.
Note: For added safety, if the setpoint is set to the value
of the current limit, actual current will be ~43 mA below
setpoint.
CC setpoint & CP setpoint are separate, independent
stored values. CC setpoint is LD current and CP setpoint
can be PD current or power. If the PD range changes, the
CP setpoint is zeroed.
4. Press the
Laser Type value to toggle between A/B and
C type lasers (see
Figure 37 for elaboration on laser
types). This control cannot be modified if output current
to the laser is enabled.
Figure 35. LD Control Screen
CONSTANT CURRENT MODE
In Constant Current mode, the setpoint chosen corresponds
to actual current through the laser. This mode does not require
the user to configure photodiode settings.
CONSTANT POWER MODE
In Constant Power mode, the setpoint chosen corresponds to
actual current through the photodiode (proportional to output
power). This mode requires the user to configure additional
photodiode settings:
1. Press the photodiode icon to access the
Photodiode Screen.
2. Press the blue text next to
PD Biasing:
to toggle whether the bias voltage for
the photodiode is enabled or disabled.
Biasing puts photodiode in photoconductive mode, while
unbiased operation will be in photovoltaic mode. Use bias
if the laser diode datasheet recommends it or for faster
PD response. See the Photodiode Basics App Note for
more detail.
3. Press the blue text next to
PD Range until the value
matches the appropriate current range for the photodiode.
The available options are 500 μA, 5 mA, and 10 mA.
4. If the transfer function from photodiode current to optical
power is known, input this using the
Transfer Function
field. Units for the transfer function are W/mA.
Figure 36. Photodiode Screen
Type A Laser Diode
Type B Laser Diode
Type C Laser Diode
Common
Cathode
Laser Diode Anode &
Photodiode Cathode Common
Isolated Photodiode
Short the
Laser Diode Anode
to Photodiode Cathode
Common
Anode
Laser Diode Cathode &
Photodiode Anode Common
Figure 37. Laser Type Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com