Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTC-LAB Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # LDTC-LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC-LAB Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  LDTC-LAB Datasheet HTML 1Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 2Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 3Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 4Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 5Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 6Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 7Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
USER GUIDE
Laboratory Series
Laser Diode Driver & Temperature Controller
— with IntelliTune®
e
Pb
RoHS
Applies to Product Revisions A - E
© March 2026
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
LD250mTC5 LAB
250 mA, 10V Laser Diode Driver
5A, 15 V Temperature Controller
LD2TC5 LAB
2 A, 10 V Laser Diode Driver
5 A, 15 V Temperature Controller
LD5TC10 LAB
5 A, 10 V Laser Diode Driver
10 A, 15 V Temperature Controller
LDTC INTLK KIT
One included with each instrument
BNC Terminator 50 Ω
DB15 Male Connector Kit (LD Type A/B)
DB15 Female Connector Kit (LD Type C)
TC/SENSOR
MATING D-SUB
One included with each instrument
TE/RH/Sensor Male DB15+2 Connector Kit
WCB407
TE/RH/Sensor DB15+2 Cable
WCB408
LD Type A/B DB15 Cable
WCB409
LD Type C DB15 Cable
WCB319
TC to LD Mount Cable
WCB326
Type A/B Laser to LD Mount Cable
WCB327
Type C Laser to LD Mount Cable
THERMISTORS
Various Thermistors Available
LDMOUNT-5A
Butterfly Laser Diode Mount
CONTENTS
GENERAL OVERVIEW
2
SAFETY
3
QUICK CONNECT GUIDE
4
PIN DESCRIPTIONS
6
ELECTRICAL SPECIFICATIONS
7
THEORY OF OPERATION
9
INSTRUMENT OVERVIEW
9
GENERAL OPERATING INSTRUCTIONS
12
TC OPERATING INSTRUCTIONS
17
LD OPERATING INSTRUCTIONS
20
TROUBLESHOOTING
23
ERROR MESSAGES
25
ADDITIONAL TECHNICAL NOTES
27
MECHANICAL SPECIFICATIONS
28
CABLING SPECIFICATIONS
28
WARRANTY & CERTIFICATION
31
B
Laser Type
A
Laser Type
C
Laser Type
R
T
AD590 LM335
RTD


Similar Part No. - LDTC-LAB

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
LDTC 2/2E WAVELENGTH-LDTC 2/2E Datasheet
3Mb / 25P
Laser Diode & Temperature Controllers
April 2022
LDTC 2/2O WAVELENGTH-LDTC 2/2O Datasheet
3Mb / 25P
Laser Diode & Temperature Controllers
April 2022
LDTC0520 WAVELENGTH-LDTC0520 Datasheet
115Kb / 5P
TEST LOAD BASICS
January, 2014
LDTC0520 WAVELENGTH-LDTC0520 Datasheet
1,008Kb / 6P
nullAMethane Detection Using Unmanned Aerial Systems
September, 2017
LDTC0520 WAVELENGTH-LDTC0520 Datasheet
1Mb / 6P
Improved Gas Concentration Model Accuracy in Wavelength Modulation Spectroscopy
January, 2022
More results

Similar Description - LDTC-LAB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
Laser-diode driver / controller
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
LASER-DIODE DRIVER/CONTROLLER
M66516FP MITSUBISHI-M66516FP Datasheet
228Kb / 10P
LASER-DIODE DRIVER/CONTROLLER
logo
Xicor Inc.
X9530 XICOR-X9530 Datasheet
479Kb / 30P
Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
Temperature Compensated Laser Diode Controller
March 10, 2005
logo
Micrel Semiconductor
SY88905 MICREL-SY88905_05 Datasheet
82Kb / 10P
LASER DIODE CONTROLLER WITH APC
logo
Intersil Corporation
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
Temperature Compensated Laser Diode Controller
November 11, 2005
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
Laser Diode Driver/Controller
M66515FP RENESAS-M66515FP Datasheet
173Kb / 12P
Laser Diode Driver/Controller
X9530 RENESAS-X9530 Datasheet
496Kb / 29P
Temperature Compensated Laser Diode Controller
November 11, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com