Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTC-LAB Datasheet(PDF) 27 Page - Wavelength Electronics, Inc.

Part # LDTC-LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC-LAB Datasheet(HTML) 27 Page - Wavelength Electronics, Inc.

Back Button LDTC-LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 24Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 25Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 26Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 27Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 28Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 29Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 30Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 31Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
27
ADDITIONAL TECHNICAL NOTES
This section includes useful technical information on these
topics:
• Using the Max Laser Voltage Limit
• Use Passive and Active ld Interlocks
• Clipping LD Current Limit
• Independent/Linked Operation
USING THE MAX LASER VOLTAGE
LIMIT
The Maximum Laser Voltage field can be used as a safety
feature, and a compliance voltage indicator. If the voltage
across the laser attempts to breach the set limit, the instrument
will present an error to keep the laser from operating in
compliance voltage limited mode (not being able to achieve
the full requested output current).
USE PASSIVE AND ACTIVE LD
INTERLOCKS
The passive interlock is designed to trigger if Pins 2 and 3 on
the LDD D-SUB are not shorted. Use this interlock with doors
and enclosures that trigger an open circuit when opened.
The active interlock (ACTIVE LOCK BNC) can be used with
another active system component to disable/enable the LD
current output.
CLIPPING LD CURRENT LIMIT
The LDTC LAB utilizes a clipping LD current limit. This means
that at a current level very near the current limit, the instrument
will clamp the output current at the limit, and continue
operating at that level of output current. Output current will not
be disabled if the limit is reached.
INDEPENDENT/LINKED
OPERATION
The LDTC LAB can operate with the LD and TC sides
independent of one another, or tied. If tied operation is
chosen, the user can choose which TC errors will trigger a
LD output current disable using the Laser Enable Output Off
register (use remote command LASer:ENABle:OUTOFF).
This register is defined below, in
Table 7.
DECIMAL
HEXADECIMAL
TC CONDITION
1
0x0001
Output disabled
2
0x0002
TEC short
4
0x0004
TEC open
8
0x0008
Temperature not stable
16
0x0010
Sensor short
32
0x0020
Sensor open
64
0x0040
Over-temperature
128
0x0080
Under-temperature
Table 7. Laser Enable Output Off register definitions
Each bit can be individually set. For example, if laser
current needs to be shut down if there is a disconnection
of the temperature sensor or if the temperature exceeds
the maximum temperature limit, the set value would be 96
(sum of 32 for a sensor open condition and 64 for an over-
temperature condition). Sending the remote command
LAS:ENAB:OUTOFF 96 specifies this shutdown condition.
By default, this register is set to zero, configuring for
independent operation.
For more information, see the LAB Series Instrument
Command Set document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com