Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTC-LAB Datasheet(PDF) 30 Page - Wavelength Electronics, Inc.

Part # LDTC-LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC-LAB Datasheet(HTML) 30 Page - Wavelength Electronics, Inc.

Back Button LDTC-LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 24Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 25Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 26Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 27Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 28Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 29Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 30Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 31Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
30
WCB319: TC TO LDMOUNT (NOT INCLUDED)
WCB326: TYPE A/B LASER TO LDMOUNT (NOT INCLUDED)
WCB 327: TYPE C LASER TO LDMOUNT (NOT INCLUDED)
36.00"
(5)BLACK
(4)GREEN
(3)ORANGE or BROWN
(2)BLUE
(9)RED
(1)WHITE
15
8
9
1
VIEW LOOKING AT
SOLDER CUPS
1
6
9
5
Interlock + (1)BLUE
PD Cathode (2)BLACK
LD Cathode (7)RED
LD Anode (3)WHITE
PD Anode (4)GREEN
Interlock - (5)ORANGE
VIEW LOOKING AT
SOLDER CUPS
or
BROWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com