Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTC-LAB Datasheet(PDF) 7 Page - Wavelength Electronics, Inc.

Part # LDTC-LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC-LAB Datasheet(HTML) 7 Page - Wavelength Electronics, Inc.

Back Button LDTC-LAB Datasheet HTML 3Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 4Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 5Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 6Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 7Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 10Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 11Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
LD250mTC5
LD2TC5
LD5TC10
UNIT
NOTE
TEMPERATURE CONTROLLER
Maximum Output Current
5
5
10
A
Maximum Compliance Voltage [1]
15
V
LASER DIODE DRIVER
Maximum Output Current
0.25
2
5
A
Maximum Compliance Voltage [1]
10
V
LASER DRIVER SPECIFICATIONS
LD250mTC5
LD2TC5
LD5TC10
UNIT
NOTE
Cumulative Noise (RMS) [2]
3
7
16
μA
RMS
Measured from 1 Hz to 100 kHz
Output Current Stability
125
ppm
Free-air, ambient conditions
Output Current Temperature Coefficient
75
ppm / ºC
Full scale
Modulation Bandwidth, CC Mode
450
kHz
Modulation Bandwidth, CP Mode
10
Hz
Rise/Fall Time, CC Mode
800
ns
To full scale
Rise/Fall Time, CP Mode
25
ms
To full scale
Slew Rate
6
V / μs
Depth of Modulation
90
%
At 150 kHz
Input Impedance
2.5
kΩ
External Modulation Input Range
-5 to +5
V
Sums with onboard setpoint
External Modulation Input Damage Threshold
±6
V
Current Limit Range
0 to 101
%
Leakage Current
<1
μA
Measured with unit on and setpoint
at zero
Current Monitor Offset: Zero Output Current
<1
mV
Constant Power Photodiode Range Options
500 μA, 5 mA, 10 mA
Constant Power Photodiode Bias Voltage
On / Off
Laser Turn-On Delay
0 to 3
s
Adjustable via remote commands
Laser Slow Start Ramp
10-25
ms
Feedback
Constant Current or
Constant Power
Setpoint Resolution
18
bits
Display Accuracy Measurement Resolution
16
bits
External Setpoint Accuracy
0.35
0.25
%
External setpoint to real output
current
Current Monitor Accuracy (front panel display)
0.25
%
IMON to real output current
Accuracy, ISET vs. Actual Current
0.25
%
Accuracy, Analog Setpoint Monitor
0.25
%
between 10 & 90% of full scale
[1] With current sources, the voltage developed across the load (laser or thermoelectric) is not driven by the controller, but by Ohm's Law
and the resistance of the load.
[2] Noise performance for the LD250mTC5 is for Type-A lasers only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com