Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTC-LAB Datasheet(PDF) 26 Page - Wavelength Electronics, Inc.

Part # LDTC-LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC-LAB Datasheet(HTML) 26 Page - Wavelength Electronics, Inc.

Back Button LDTC-LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 24Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 25Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 26Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 27Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 28Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 29Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 30Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
26
ERROR
POTENTIAL CAUSES
SOLUTION
Laser disabled due to TEC output state.
LD output is linked to TEC output state or
TC current is not enabled
Unlink the Laser output from the TC (See
LASer:ENABle:OUTOFF) or enable TC
current.
Laser disabled due to shorted TEC.
TEC load connection is either open or
shorted.
Unlink the Laser output from TC (see
LASer:ENABle:OUTOFF) or see TEC load
short/open solution above.
Laser disabled due to open TEC.
Laser disabled because temperature is not
stable.
Poor thermal contact or operating outside
ideal range of sensor.
Unlink the Laser output from TC (see
LASer:ENABle:OUTOFF)
or
see
troubleshooting section above.
Laser disabled due to shorted temperature
sensor.
Temperature sensor connections are
shorted together.
Unlink the Laser output from TC (see
LASer:ENABle:OUTOFF) or check sensor
wiring.
Laser disabled due to open temperature
sensor.
No temperature sensor is present.
Unlink the Laser output from TC (see
LASer:ENABle:OUTOFF) or check sensor
wiring.
Laser disabled because temperature is
above max limit.
Thermal runaway. The TEC cannot pump
heat to the heatsink fast enough.
Unlink the Laser output from TC (see
LASer:ENABle:OUTOFF) or use larger
TEC or larger heatsink or increase the limit
if safe.
Laser disabled because temperature is
below min limit.
Minimum limit is too high.
Unlink the Laser output from TC (see
LASer:ENABle:OUTOFF) or if safe,
increase the minimum limit.
To reach initial temperature, system may
overshoot.
Run IntelliTune in System Response mode
or reduce current limit.
Laser load open.
No laser is present.
Ensure the laser is properly wired.
Laser load short.
Laser connections are shorted together.
Ensure the laser is properly wired.
Non-uniform TEI step.
Non-uniform TE I step was measured.
Restart IntelliTune.
IntelliTune response timeout.
System response is very slow.
Put sensor closer to TEC. See Technical
Note TN-TC01 Optimizing Thermoelectric
Temperature Control Systems.
Error calculating PID terms.
IntelliTune data is corrupt.
Re-run IntelliTune.
Not allowed while TEC output is on.
Changing certain settings require the TEC
output to be disabled.
Disable TEC output before step.
THE FOLLOWING ERRORS REQUIRE WAVELENGTH TECHNICAL SUPPORT
• +5V power failure. Please contact the factory.
• Laser load power supply failure. Please contact the factory.
• Laser control power supply failure. Please contact the factory.
• TEC load power supply failure. Please contact the factory.
• TEC control power supply failure. Please contact the factory.
• Hardware error. Please contact the factory.
• Power failure. Please contact the factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com