Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTC-LAB Datasheet(PDF) 20 Page - Wavelength Electronics, Inc.

Part # LDTC-LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC-LAB Datasheet(HTML) 20 Page - Wavelength Electronics, Inc.

Back Button LDTC-LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 24Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
20
INTELLITUNE CONTINUOUSLY
OPTIMIZES
Once a system is run through the IntelliTune process, the PID
coefficents are adjusted as the setpoint, tune mode, or bias
current is changed. The IntelliTune setpoint does not need
to match the system setpoint if the system setpoint is very
high or very low. Run IntelliTune at a setpoint about 5ºC away
from ambient. IntelliTune stops if the sensor is changed or the
tuning mode is set to Manual Tuning.
During an IntelliTune process, the current limits are set to
10% of the initial values. The limit icon glows red frequently.
Current limits are restored after the scan is complete.
See Application Note AN-TC13: IntelliTune® vs. Conventional
Autotune for an in-depth exploration of IntelliTune.
ENABLE, STATUS, & FAN PINS ON
THE TE OUT/SENSOR D-SUB
Figure 33. TE OUT/SENSOR 15+2-pin D-SUB
REMOTE ENABLE INPUT (PINS 5 & 6)
This is a TTL signal that will override the front panel TC
ENABLE button. The default polarity is ENABLE HIGH. Use
0 V to disable the output regardless of the front panel enable
button. An internal 100 kΩ pull-up resistor means no external
voltage is required for front panel operation with the default
polarity. The polarity can be changed by remote command.
ENABLE STATUS (PINS 7 & 9)
This is a TTL signal that goes HI when the TC output current
is enabled.
AT TEMPERATURE STATUS (PINS 8 & 9)
This is a TTL signal that goes HI when the actual temperature
is within the window defined by setpoint ± tolerance.
FAN CURRENT DRIVE (PINS 10 & 11)
This output will drive 12 V up to 0.5 A to power a fan for airflow
across the thermoelectric and load.
LD OPERATING INSTRUCTIONS
ACCESS THE LD SCREENS
Ensure that the instrument is on the LD Screens
by pressing the LD Screen button if the LD
Control Screen (see
Figure 35) is not active.
SET LD LIMITS
1. Press to access the LD Limit Screen.
2. Press
LD Limit Current, Maximum Laser
Voltage, and/or Cable Resistance values and
rotate the adjustment knob to change each
value. The instrument will beep when set.
The LDTC LAB utilizes a clipping current limit. If current
reaches the set limit, the instrument will keep output current
at the limit. It will not disable output if the limit is reached.
Figure 34. LD Limit Screen
NOTES:
• The
Limit Current should not exceed the damage current
threshold of the laser.
• The
Maximum Laser Voltage can be lowered to minimize
internal instrument temperature or to act as a compliance
voltage clamp on the laser output current. See Additional
Technical Notes for optimization instructions.
• The
Cable Resistance range is 0-10 Ω.
CONFIGURE INTERLOCKS
The included LDTC Interlock Kit supplies equipment to satisfy
all interlocks required for operation.
1. For the passive interlock, on the rear panel, short Pins 2
and 3 of the LD DRIVER D-SUB.
2. For the active interlock, on the rear panel, insert a BNC
terminator in the ACTIVE LOCK BNC port.
3. On the front panel, the key switch must be set to UNLOCK
to enable the current to the laser.
NOTE: The key can only be removed when in the LOCKED
( ) position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com