Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTC-LAB Datasheet(PDF) 23 Page - Wavelength Electronics, Inc.

Part # LDTC-LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC-LAB Datasheet(HTML) 23 Page - Wavelength Electronics, Inc.

Back Button LDTC-LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 24Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 25Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 26Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 27Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
23
TROUBLESHOOTING
PROBLEM
POTENTIAL CAUSES
SOLUTIONS
The LDD output switched off unexpectedly
OR
I can't enable LDD output current
The output disabled due to an interlock.
Check error messages on screen or with
ERR? query
Fix appropriate interlock or follow
instructions on Error Messages Page.
TC failure detected.
If the TC output also disabled, resolve
the source of that error. If LDD output
was remotely linked to the TC status,
but you don't want it to be linked, use
LASer:ENABle:OUTOFF command to
unlink them.
Temperature limits have been reached.
If the temperature limits can be increased
without damage, increase the temperature
limit settings.
The TC output switched off unexpectedly
OR
I can't enable TC output current.
Check error messages on screen or with
ERR? query, OR TC failure was detected.
The instrument detected an error. Follow
instructions on Error Messages Page.
Temperature limits have been reached.
If the temperature limits can be increased
without damage, increase the temperature
limit settings.
The instrument is on but the front panel
display is blank.
Instrument firmware is being downloaded
from USB port.
Wait patiently until the firmware has
finished updating.
The screen brightness is too low.
While the screen may appear off, the
brightness is at a low setting. Go to the
settings screen to raise the brightness
or send remote command (BRIGHT) to
increase brightness. If you can't see the
screen because it is too dark and don't
want to easily use the remote command,
imagine the location of the icons on the
screen. Good luck.
LD noise current is higher than expected.
Ground Loop, bad connections and solder
joints, noisy computer connections, etc.
Refer to AN-LD09 Troubleshooting Low
Noise Systems.
Actual LD current does not match the
setpoint.
The setpoint exceeds the limit current
setting.
If the limit current can be increased without
damage to the laser, increase the limit
current setting.
The laser is compliance voltage limited.
If the limit voltage can be increased without
damage to the laser, increase the limit
voltage setting. See Additional Technical
Information for more details.
Temperature does not stabilize very well at
setpoint.
Poor thermal contact between components
of the thermal load.
Use thermal paste or washers between the
load/TEC and TEC/heatsink interfaces.
Make sure the temperature sensor is in
good thermal contact with the load.
Operating outside of the ideal region of the
temperature sensor.
The sensor type and bias current should be
selectedtomaximizesensitivityatthetarget
temperature. Thermistors provide the best
performance, particularly for applications
where a single setpoint temperature must
be accurately maintained. For example, at
25°C a 10 kΩ thermistor has a sensitivity
of 43 mV/°C, whereas an RTD sensor has
a sensitivity of 4 mV/°C.
Proportional control term is set too high.
Run an IntelliTune scan.
Derivative term is introducing noise.
Run an IntelliTune scan.
Sensor bias current was changed while
instrument was in Manual IntelliTune
mode.
In Manual mode, IntelliTune changes are
not made when bias current or setpoint
is changed. Change to either SR or DR
mode for IntelliTune to update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com