Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTC-LAB Datasheet(PDF) 13 Page - Wavelength Electronics, Inc.

Part # LDTC-LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC-LAB Datasheet(HTML) 13 Page - Wavelength Electronics, Inc.

Back Button LDTC-LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 10Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 11Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 12Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 13Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 14Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13
WIRE TEC/RH & LASER
THERMOELECTRIC COOLER OR
RESISTIVE HEATER
Wire the thermoelectric cooler (TEC) or resistive heater (RH)
between Pins A1 and A2 on the 15+2 D-SUB.
The TEC/RH cannot be connected to the laser case.
TEC- (A2)
TEC+ (A1)
Figure 15. TEC Wiring Diagram
TEC- (A2)
TEC+ (A1)
Figure 16. RH Wiring Diagram
LASER
Wire a laser between Pins 1 (anode) and 9 (cathode). If
connecting a photodiode, wire the photodiode to Pins 4
(anode) and 5 (cathode).
For Type A and B lasers, use the top LDD connector on the
rear panel. For Type C lasers, use the bottom LDD connector.
Additionally, note that the top LDD connector has both Pins 1
and 9 floating with respect to ground, while the bottom LDD
connector has Pin 9 (LDC) grounded.
Using the wrong laser type connector will result in
damage to the laser
LD
Pin 1
Pin 9
Pin 5
Pin 4
PD
Figure 17. Laser Wiring Diagram
POWER ON AND POWER OFF
SEQUENCE
POWERING ON
Press the Power switch on the back panel to the
| position.
Default state upon initial power is that the Dual Monitor Screen
will be visible on the display and neither Enable button will be
lit (indicating no output current).
POWERING OFF
Prior to using the Power switch to shut the LDTC LAB down,
ensure that no output current is flowing from the instrument. If
either of the Enable buttons is lit, press the button to disable
output current. Once all output current is disabled, the rear
Power switch may be pressed to the
O position, powering
down the instrument.
SETTING OPERATING
PARAMETERS
There are three available sets of screens on the LDTC LAB
display. The first visible at startup is a dual-monitor screen,
which displays all of the current and voltage outputs for the
LDTC LAB. The second set of screens allow setting of all
temperature controller operational parameters. The third
set of screens allow setting of all laser driver operational
parameters.
Figure 18. Use these buttons to navigate between sets of
screens on the LDTC LAB.
Left: LD screens
Middle: TC screens
Right: Dual Monitor Screen
Any blue text on the display is editable. To edit, press the
blue text. It will either toggle to a different setting, or become
yellow, indicating that this value can be changed by turning
the adjustment knob on the front panel. Clockwise rotations of
the knob increase the value, while counter-clockwise rotations
decrease the value.
REMOTE OPERATION
The LDTC LAB can be controlled by a remote computer
using the TMC Class Command Set (see the LAB Series
Instrument Command Set) or with a downloadable LabVIEW
Virtual Instrument application (see the Virtual Instrument User
Guide).
The USB port on the rear panel is used for remote control of
the instrument and firmware updates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com