Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTC-LAB Datasheet(PDF) 6 Page - Wavelength Electronics, Inc.

Part # LDTC-LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC-LAB Datasheet(HTML) 6 Page - Wavelength Electronics, Inc.

Back Button LDTC-LAB Datasheet HTML 2Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 3Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 4Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 5Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 6Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 7Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 10Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
PIN DESCRIPTIONS
LASER DIODE DRIVER D-SUBS
15 14 13 12 11 10 9
1
2
3
4
5
6
7
8
Figure 5. Female 15-Pin D-SUB for Type A/B laser diodes
9 10 11 12 13 14 15
8
7
6
5
4
3
2
1
Figure 6. Male 15-Pin D-SUB for Type C laser diodes
Table 1. LD DRIVER/MONITORS D-SUB Pin Description
PIN
DESCRIPTION
1
Laser Diode Anode
2
Interlock +
3
Interlock –
4
Photodiode Anode
5
Photodiode Cathode
6
Laser Diode Enable Status
7
Laser Diode Remote Enable Input
8
Ground for Status/Enable
9
Laser Diode Cathode
10
Output Current Monitor
11
Laser Diode Setpoint Monitor
12
Monitor Ground
13
No Connection
14
No Connection
15
No Connection
EXT MOD & ACTIVE LOCK
BNC PINS
Active Signal
Ground
Figure 7. External Modulation & Active Lock BNC Pins
THERMOELECTRIC / RESISTIVE
HEATER AND SENSOR D-SUB
Figure 8. Female 15+2 D-SUB
Table 2. TE OUT/SENSOR D-SUB Pin Description
PIN
DESCRIPTION
1
Sensor –
2
Sensor +
3
IC Sensor (AD590– or LM335+)
4
IC Sensor (AD590+ or LM335–)
5
Remote Enable In
6
Remote Enable Ground
7
Enable Status
8
At Temperature Status
9
Status Ground
10
Fan +
11
Fan –
12
No Connection
13
No Connection
14
No Connection
15
No Connection
A1
TEC Output +
A2
TEC Output –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com