Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTC-LAB Datasheet(PDF) 8 Page - Wavelength Electronics, Inc.

Part # LDTC-LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC-LAB Datasheet(HTML) 8 Page - Wavelength Electronics, Inc.

Back Button LDTC-LAB Datasheet HTML 4Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 5Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 6Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 7Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 10Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 11Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 12Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
TEMPERATURE CONTROLLER
SPECIFICATIONS
LD250mTC5
LD2TC5
LD5TC10
UNIT
NOTE
OUTPUT
Current Limit Range
0 to 5
0 to 5
0 to 10
A
Short Term Stability [1,2]
0.0009
°C
Measured over 1 hour
Long Term Stability [1,2]
0.005
°C
Measured over 24 hours
SENSOR COMPATIBILITY
Thermistor Voltage Range
0 to 10
V
Two Wire RTD Range
100 to 1000
Ω
Bias Current Range
0.01 to 10
mA
Auto-ranging
Bias Current Accuracy
0.008
%
Bias Current Temperature Coefficient
25
ppm / ºC
Linear Voltage or Current Sensors
Supported
Comparable to LM335 and AD590
Monitor and Limit On-Screen Resolution
0.001
°C
Current Limit to Actual Output Current Accuracy
2
%
Set to Actual Temperature Monitor Accuracy
0.04
%
Feedback
IntelliTune® PID
GENERAL SPECIFICATIONS
VALUE
UNIT
NOTE
Operating Temperature
0 to 50
°C
Nominal operating temperature is
25°C
Storage Temperature
0 to 50
°C
Maximum Operating Humidity
80
%
Relative humidity at 30°C, non-
condensing
Warm-Up Time
1
hour
Internal Over-Temperature Limit
60-70
°C
Remote Interface
USB
Warranty
One (1) Year
Safety Tested To
IEC 61000-3-2
IEC 61000-3-3
IEC 61000-4-2
IEC 61000-4-3
IEC 61000-4-4
IEC 61000-4-5
IEC 61000-4-6
IEC 61000-4-8
IEC 61010-1
EN61010-2-30
EN61326-1
European Council Directive
2004/108/EC & European Council
Directive 2006/95/EC
Size
3.91 × 8.86 × 17.75
(99.3 × 225.0 × 450.9)
in
(mm)
Weight
9.26
(4.2)
lbs
(kg)
POWER SUPPLY REQUIREMENTS
VALUE
NOTE
AC Power Supply and Line Frequency
100-240 VAC (±10%)
3 A, 50-60 Hz
Fuse for 100-240 V
3.15 A 250 AC Fast Blow
(3.15 AH 250 V 5 × 20 mm)
Replacement fuse:
Littelfuse 02163.15 HXP
Maximum AC Line Power
200 W
[1] This specification assumes a steady-state operation with a tuned system using a 10 kΩ thermistor. Typical Stability achieved by measuring
3 standard deviations (3σ) away from the mean over the specified time period. For more detail, see TN-TC02: How is Temperature Stability
Measured?. Stability typical for a 14 pin butterfly package laser diode with a 10 kΩ thermistor.
[2] When using resistive heaters, stability can only be consistently achieved when setpoint temperatures are 10°C or more above ambient.
Stabilitywillvarywithdifferentloadtypes,thermaldesigns,andsensors.RTDsandlinearvoltageandcurrentsensorsare
much less sensitive than thermistors to temperature change, so stability results will not match these specifications. See
TN-TC01: Optimizing Thermoelectric Temperature Control Systems for maximizing system performance.
ELECTRICAL SPECIFICATIONS CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com