Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 108Page - Renesas Technology Corp RZ/G2H Datasheet HTML 109Page - Renesas Technology Corp RZ/G2H Datasheet HTML 110Page - Renesas Technology Corp RZ/G2H Datasheet HTML 111Page - Renesas Technology Corp RZ/G2H Datasheet HTML 112Page - Renesas Technology Corp RZ/G2H Datasheet HTML 113Page - Renesas Technology Corp RZ/G2H Datasheet HTML 114Page - Renesas Technology Corp RZ/G2H Datasheet HTML 115Page - Renesas Technology Corp RZ/G2H Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 112 of 169
Jun 30, 2025
3.19 SCIF
Table 3.19.1 SCIF Signal Timing
Conditions: VDDQ33 = VDDQVA_SDn = 3.3 ± 0.2 V [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N],
VDDQ33 = 3.3 ± 0.3 V [RZ/G2E],
GND = VSS = 0 V, Tc = -40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = −40 to +85 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E],
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E], CL = 30 pF
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
Input clock cycle (asynchronous)
tSCYC
4
—
—
tCYC
Figure 3.19.1
Input clock cycle (synchronous)
tSCYC
8
—
—
tCYC
Input clock pulse width
tSCKW
0.4
—
0.6
tSCYC
Input clock rise time
tSCKr
—
—
0.8
tCYC
Input clock fall time
tSCKf
—
—
0.8
tCYC
Transmit data delay time
tTXD
—
—
4
tCYC
Figure 3.19.2
Receive data setup time (synchronous)
tRXS
5
—
—
tCYC
Receive data hold time (synchronous)
tRXH
2
—
—
tCYC
Note:
RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N: tCYC is for one cycle of the S3D4ϕ clock.
RZ/G2E: tCYC is for one cycle of the S3D4Cϕ clock.
Figure 3.19.1 Input Clock Timing
Figure 3.19.2 Input/output Timing in Synchronous Mode
BRGCLK
(Internal signal)
Note: The output signal (BRGCLK) of the external baud rate generator (BRG) is an SCIF internal signal.
Set the input signal and the DL and CKS registers of the BRG so that the BRGCLK signal can satisfy the above specification.
tSCYC
tSCKW
tSCKf
tSCKr
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com