Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 111Page - Renesas Technology Corp RZ/G2H Datasheet HTML 112Page - Renesas Technology Corp RZ/G2H Datasheet HTML 113Page - Renesas Technology Corp RZ/G2H Datasheet HTML 114Page - Renesas Technology Corp RZ/G2H Datasheet HTML 115Page - Renesas Technology Corp RZ/G2H Datasheet HTML 116Page - Renesas Technology Corp RZ/G2H Datasheet HTML 117Page - Renesas Technology Corp RZ/G2H Datasheet HTML 118Page - Renesas Technology Corp RZ/G2H Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 115 of 169
Jun 30, 2025
3.22 IIC Bus Interface
Table 3.22.1 IIC Bus Interface Signal Timing
Condition: VDDQ33 = 3.3 V ± 0.2 V [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N] / ± 0.3 V [RZ/G2E] or
VDDQ18 = 1.8 V ± 0.1 V, GND = VSS = 0 V,
Tc = -40 to +115 °C [RZ/G2H, RZ/G2M V1.3], Ta = -40 to +85 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E],
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E], CL = 30 pF
Item
Symbol
Standard-Mode
Fast-Mode
Unit Figures
Min.
Max.
Min.
Max.
SCLclock frequency
fSCL
0
100
0
400
kHz Figure 3.22.1
Hold time (after repeat START
condition, first clock pulse is generated)
tHD;STA
4.0
—
0.6
—
µs
L period in SCL clock
tLOW
4.7
—
1.3
—
µs
H period in SCL clock
tHIGH
4.0
—
0.6
—
µs
Setup time for repeat START condition
tSU;STA
4.7
—
0.6
—
µs
Date hold time
tHD;DAT
0
3.45
0
0.9
µs
Data setup time
tSU;DAT
250
—
100
—
ns
SDA and SCLsignal rise time
tr
—
1000
—
300
ns
SDA and SCL signal fall time
tf
—
300
—
300
ns
Setup time for STOP condition
tSU;STO
4.0
—
0.6
—
µs
Bus free time between STOP and
START conditions
tBUF
4.7
—
1.3
—
µs
Noise margin at low level of each
connected device (including hysteresis)
VnL
0.1 ×
VDDQ*4
—
0.1 ×
VDDQ*4
—
V
Noise margin at high level of each
connected device (including hysteresis)
VnH
0.2 ×
VDDQ*4
—
0.2 ×
VDDQ*4
—
V
Spike pulse width suppressed by the
input filter
tSP
—
—
0
50
ns
Notes. 1. All values are referenced at VDDQ*4 × 0.3 and VDDQ*4 × 0.7 levels.
2. To satisfy the I2C-bus specification, pull-up resistors (Rp) with the appropriate resistance must be included
depending on the total of bus capacitive load of each line.
Pull-up resistor range should be following, refer Table 3.21.2.
Rp(max) = tr /(0.8473*Cb)
Rp(min) = (VDDQ*4-VOL(max))/IOL
3. The total capacity (Cb) should be less than or equal to 100 pF.
4. VDDQ means VDDQ33 or VDDQ18
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com