Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 122Page - Renesas Technology Corp RZ/G2H Datasheet HTML 123Page - Renesas Technology Corp RZ/G2H Datasheet HTML 124Page - Renesas Technology Corp RZ/G2H Datasheet HTML 125Page - Renesas Technology Corp RZ/G2H Datasheet HTML 126Page - Renesas Technology Corp RZ/G2H Datasheet HTML 127Page - Renesas Technology Corp RZ/G2H Datasheet HTML 128Page - Renesas Technology Corp RZ/G2H Datasheet HTML 129Page - Renesas Technology Corp RZ/G2H Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 126 of 169
Jun 30, 2025
3.25 SD Host Interface (SDHI)
3.25.1 SDHI (3.3V) Electrical Characteristics
Table 3.25.1 SDHI Signal Timing (Default mode)
Conditions: VDDQVA_SDn (n = 0 to 3) = 3.3 V ± 0.2 V, GND = VSS = 0 V,
Tc = −40 to +115 °C [RZ/G2H, RZ/G2M V1.3], Ta = -40 to +85 °C [RZ/G2M V3.0, RZ/G2N],
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N],
VDDQ_SDn (n = 0, 1, 3) = 3.3V ± 0.3 V, GND = VSS = 0 V,
Ta = −40 to + 85 C [RZ/G2E], Tj = −40 to + 115 C [RZ/G2E],
CL = 40 pF
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
SDCLK clock cycle time
tSDCYC
40.0
—
—
ns
Figure 3.25.1
SDCMD output data delay time
tSDCMD
—
—
10.0
ns
tSDCMDOH
6.0
—
—
ns
SDDAT output data delay time
tSDDAD
—
—
10.0
ns
tSDDADOH
6.0
—
—
ns
SDCMD input data setup time
tSDCMS
3.0
—
—
ns
SDCMD input data hold time
tSDCMH
2.0
—
—
ns
SDDAT input data setup time
tSDDAS
3.0
—
—
ns
SDDAT input data hold time
tSDDAH
2.0
—
—
ns
Figure 3.25.1 SDHI Signal Timing (Default mode)
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com