Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 124Page - Renesas Technology Corp RZ/G2H Datasheet HTML 125Page - Renesas Technology Corp RZ/G2H Datasheet HTML 126Page - Renesas Technology Corp RZ/G2H Datasheet HTML 127Page - Renesas Technology Corp RZ/G2H Datasheet HTML 128Page - Renesas Technology Corp RZ/G2H Datasheet HTML 129Page - Renesas Technology Corp RZ/G2H Datasheet HTML 130Page - Renesas Technology Corp RZ/G2H Datasheet HTML 131Page - Renesas Technology Corp RZ/G2H Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 128 of 169
Jun 30, 2025
3.25.2 SDHI (1.8V) Electrical Characteristics
Table 3.25.3 SDHI Signal Timing (SDR50 mode)
Conditions: VDDQVA_SDn (n = 0 to 3) = 1.8 V ± 0.1 V, GND = VSS = 0 V,
Tc = −40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = -40 to +85 °C [RZ/G2M V3.0, RZ/G2N], Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N],
VDDQ_SDn (n = 0, 1, 3) = 1.8V ± 0.1 V, GND = VSS = 0 V,
Ta = -40 to +85 C [RZ/G2E], Tj = -40 to +115 C [RZ/G2E],
CL = 30 pF
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
SDCLK clock cycle time
tSDCYC
10.0
—
—
ns
Figure 3.25.3
SDCMD output data delay time
tSDCMD
1.3
—
tSDCYC – 4
ns
SDDAT output data delay time
tSDDAD
1.3
—
tSDCYC – 4
ns
SDCMD input data setup time
tSDCMS
2.0
—
—
ns
SDCMD input data hold time
tSDCMH
1.5
—
—
ns
SDDAT input data setup time
tSDDAS
2.0
—
—
ns
SDDAT input data hold time
tSDDAH
1.5
—
—
ns
Figure 3.25.3 SDHI Signal Timing (SDR50 mode)
SDCLK
SDCMD
(output)
SDDAT
(output)
SDDAT
(input)
SDCMD
(input)
tSDCYC
tSDCMD
tSDDAD
tSDCMH
tSDCMS
tSDDAH
tSDDAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com