Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 25Page - Renesas Technology Corp RZ/N2L Datasheet HTML 26Page - Renesas Technology Corp RZ/N2L Datasheet HTML 27Page - Renesas Technology Corp RZ/N2L Datasheet HTML 28Page - Renesas Technology Corp RZ/N2L Datasheet HTML 29Page - Renesas Technology Corp RZ/N2L Datasheet HTML 30Page - Renesas Technology Corp RZ/N2L Datasheet HTML 31Page - Renesas Technology Corp RZ/N2L Datasheet HTML 32Page - Renesas Technology Corp RZ/N2L Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 128 page
background image
1.7
FBGA 121 Pin Assignments
1
2
3
4
5
6
7
8
9
10
11
VSS
P01_2
P00_5
P00_4
P24_2
P24_1
P24_0
P21_1
P20_4
VSS
P01_5
P01_4
P00_6
P00_2
P00_0
P23_7
P21_3
P20_2
P18_6
P18_4
P02_5
P01_3
TRST#
VCC
1833_2
P00_1
VCC33
P21_4
P20_3
P18_3
P17_5
P02_7
P02_4
P02_6
VDD
VSS
VDD
VDD
AVCC18
_TSU
P17_0
P16_5
P04_6
P04_5 BSCANP VCC33
VSS
VSS
VSS
VSS
P16_3
P16_2
VSS
P04_7
P05_5
VDD
VDD
VSS
VSS
VDD
P06_1
P06_0
P06_6
P06_3
VSS
VDD
VCC33
VCC33
P15_0
P14_7
P15_1
P06_4
P06_2
P07_1
VCC33
RES#
VSS
VCC18_
PLL0
VSS
P14_2
P14_3
P14_6
P06_5
P06_7
P07_3
P08_7
MDX
VCC
1833_0
EXT
CLKIN
VCC18
_PLL1
P13_3
P13_5
P14_1
VSS
P07_0
P07_2
P09_0
VSS
EXTAL
XTAL
VSS
P13_2
P13_4
VSS
A
B
C
D
E
F
H
J
K
L
P05_6
P05_7
VCC
1833_1
VSS
VDD
VDD
VDD
VSS
P16_0
VSS
G
VCC
1833_3
P15_2
P15_7
P16_6
VCC
1833_4
P18_2
P18_5
P20_1
P21_2
A
B
C
D
E
F
H
J
K
L
G
1
2
3
4
5
6
7
8
9
10
11
Figure 1.3
Pin arrangement (121-pin FBGA) (top view)
Table 1.20
List of pins and pin functions (121-pin FBGA) (1 of 4)
Pin
number
I/O power
domain
Power supply clock
system control
I/O port
DMAC
Timer (MTU3, POEG,
GPT / POE3, CMTW,
RTC)
Communication (xSPI, GMAC,
ETHSW, ESC, SCI, SPI, IIC,
CANFD)
Others
(DSMIF,
Mailbox)
Interrupt
Host
interface
(SHOSTI
F)
A1
—
VSS
—
—
—
—
—
—
—
A2
VCC1833_2
—
P01_2
—
MTIOC4B / GTIOC2B
ETH2_TXD3
—
IRQ2
—
A3
VCC1833_2
—
P00_5
—
MTIOC3C / GTIOC0B
ETHSW_PHYLINK2 /
ETHSW_PHYLINK0 /
ESC_PHYLINK0
MDAT0
—
—
A4
VCC1833_2
—
P00_4
—
MTIOC3A / GTIOC0A
ETH2_RXER
MCLK0
IRQ13
—
A5
VCC1833_2
—
P24_2
—
MTIOC0D / GTETRGD
ETH2_RXD2 / TXD1 / SDA1 /
MOSI1
MDAT5
—
—
A6
VCC1833_2
—
P24_1
—
MTIOC0C /
GTETRGC / POE8#
ETH2_RXCLK
MCLK5
—
—
A7
VCC1833_2
—
P24_0
DREQ
MTIOC0B / GTETRGB
ETH2_RXD1 / RXD1 / SCL1 /
MISO1
MDAT4
—
—
A8
—
TRACEDATA0
P21_1
—
MTIOC6A /
GTIOC14A /
CMTW0_TIC0
ESC_SYNC0 / ESC_SYNC1 /
SCK5 / SPI_SSL20 / IIC_SCL1
MCLK0
—
HSPI_INT
#
A9
—
TRACEDATA1
P21_2
—
MTIOC6B /
GTIOC14B /
CMTW0_TIC1
ESC_SYNC0 / ESC_SYNC1 /
RXD5 / SCL5 / MISO5 /
SPI_MISO2 / IIC_SDA1
MDAT0
—
—
A10
—
MDV3
P20_4
—
—
ETHSW_TDMAOUT3 /
ETHSW_PTPOUT0 /
ESC_LINKACT1
—
—
—
A11
—
VSS
—
—
—
—
—
—
—
B1
VCC1833_2
—
P01_5
—
—
ETH2_TXD0
—
—
—
B2
VCC1833_2
—
P01_4
—
POE0#
ETH2_TXD1
—
IRQ3
—
B3
VCC1833_2
—
P00_6
—
MTIOC3B / GTIOC1A
ETH2_TXCLK
—
—
—
B4
VCC1833_2
—
P00_2
—
MTIC5V
ETH2_TXEN / TXD2 / SDA2 /
MOSI2
—
—
—
B5
VCC1833_2
—
P00_0
—
—
ETH2_RXD3 / SCK2 / DE2
—
—
—
B6
VCC1833_2
—
P23_7
—
MTIOC0A / GTETRGA
ETH2_RXD0 / SCK1
MCLK4
—
—
B7
—
TRACEDATA2
P21_3
—
MTIOC6C / GTIOC15A
TXD5 / SDA5 / MOSI5
MCLK1
—
—
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 29 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com