Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 78Page - Renesas Technology Corp RZ/N2L Datasheet HTML 79Page - Renesas Technology Corp RZ/N2L Datasheet HTML 80Page - Renesas Technology Corp RZ/N2L Datasheet HTML 81Page - Renesas Technology Corp RZ/N2L Datasheet HTML 82Page - Renesas Technology Corp RZ/N2L Datasheet HTML 83Page - Renesas Technology Corp RZ/N2L Datasheet HTML 84Page - Renesas Technology Corp RZ/N2L Datasheet HTML 85Page - Renesas Technology Corp RZ/N2L Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
SSn
input
SCKn
CPOL = 0
input
SCKn
CPOL = 1
input
MISOn
output
MOSIn
input
tLEAD
tLAG
MSB IN
DATA
LSB IN
MSB IN
MSB OUT
(Last data)
DATA
LSB OUT
LSB OUT
MSB OUT
tOD
tREL
tOH
tSA
tDr, tDf
tSU
tH
tSSR
tSSF
Figure 2.62
SCI simple SPI mode timing for slave when CPHA = 1
2.5.5.9
IIC Timing
Conditions: VOL = 0.4 V, IOL = 4 mA
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 82 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com